Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC68SS014FF Datasheet(PDF) 25 Page - Bel Fuse Inc.

Part # BC68SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC68SS014FF Datasheet(HTML) 25 Page - Bel Fuse Inc.

Back Button BC68SS014FF Datasheet HTML 18Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 19Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 20Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 21Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 22Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 23Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 24Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 25Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 26Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
25
Power Cords
Description
Bel’s power cords are an ideal solution for replacing damaged or missing power cords. They can be used for a
variety of applications including office environments for connecting power to monitors, computers, scanners and
other devices and appliances that have the IEC-60320-C13 inlet. Bel’s 18 AWG standard power cord has a NEMA
5-15P to C13 inlet. For durability, these power cords are fully molded and UL listed.
Part Number
Connector End A
Connector End B
AWG Size
Length
ft
m
PC-ABK001F
NEMA 5-15P
IEC-60320-C13
18 AWG
1ft
0.304m
PC-ABK002F
NEMA 5-15P
IEC-60320-C13
18 AWG
2ft
0.609m
PC-ABK003F
NEMA 5-15P
IEC-60320-C13
18 AWG
3ft
0.914m
PC-ABK006F
NEMA 5-15P
IEC-60320-C13
18 AWG
6ft
1.83m
PC-ABK010F
NEMA 5-15P
IEC-60320-C13
18 AWG
10ft
3.05m
PC-ABK012F
NEMA 5-15P
IEC-60320-C13
18 AWG
12ft
3.65m
PC-ABK015F
NEMA 5-15P
IEC-60320-C13
18 AWG
15ft
4.57m
PC-ABK025F
NEMA 5-15P
IEC-60320-C13
18 AWG
25ft
7.62m
PC-ABK010M
NEMA 5-15P
IEC-60320-C13
18 AWG
3.28ft
1m
PC-ABK020M
NEMA 5-15P
IEC-60320-C13
18 AWG
6.56ft
2m
PC-ABK030M
NEMA 5-15P
IEC-60320-C13
18 AWG
9.84ft
3m
PC-ASLK010M
NEMA 5-15P
Blunt End
18 AWG
3.28ft
1m
PC-ASLK020M
NEMA 5-15P
Blunt End
18 AWG
6.56ft
2m
PC-ASLK030M
NEMA 5-15P
Blunt End
18 AWG
9.84ft
3m
PC-ATLK010M
NEMA 5-15P
Blunt End with Tinned Leads
18 AWG
3.28ft
1m
PC-ATLK020M
NEMA 5-15P
Blunt End with Tinned Leads
18 AWG
6.56ft
2m
PC-ATLK030M
NEMA 5-15P
Blunt End with Tinned Leads
18 AWG
9.84ft
3m
Cable Catalog
PC = Power Cords
B = IEC-60320-C13
SL = Stripped Leads (Bare)
TL = Tinned Leads
U
XXX
P C
A = NEMA 5-15P
Connector End A
Cable Family
Connector End B
Y
B
M = Meters
F = Feet
Units
001F = 1ft
002F = 2ft
003F = 3ft
006F = 6ft
010F = 10ft
012F = 12ft
015F = 15ft
025F = 25ft
010M = 1m
020M = 2m
025M = 2.5m 030M = 3m
Length
A
K = Black
Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com