Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC68SS014FF Datasheet(PDF) 20 Page - Bel Fuse Inc.

Part # BC68SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC68SS014FF Datasheet(HTML) 20 Page - Bel Fuse Inc.

Back Button BC68SS014FF Datasheet HTML 16Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 17Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 18Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 19Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 20Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 21Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 22Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 23Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 24Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
Description
Bel’s USB Type-C adapter cable assemblies enable connections to a USB Type-C equipped computer or smartphone
directly to an HD monitor, TV, or projector with several input options. These cable assemblies are only for use with
USB-C connected devices that support DP Alt Mode or Thunderbolt™3 connectors. These cable assemblies feature
gold-plated connectors to provide superior transmission, high reliability, and durability. USB Type-C supports USB
3.1 communications and features in a small, reversible connector that allows quick and easy plug in. The USB Type-C
adapter cable assemblies include HDMI, DisplayPort, and VGA options and are unidirectional (USB Type-C connector
input, HDMI, DisplayPort, or VGA output). HDMI and DisplayPort options support output resolutions up to 4K x
2K@60HZ. The VGA option supports output resolutions up to 1920 x 1200@60HZ.
Bel Part Number
Connector End A
Connector End B
Lengths Available
ft
m
BC-DC003F
DisplayPort (Male)
USB Type-C (Male)
3ft
0.91m
BC-DC006F
DisplayPort (Male)
USB Type-C (Male)
6ft
1.82m
BC-DC010F
DisplayPort (Male)
USB Type-C (Male)
10ft
3.04m
BC-HC003F
HDMI (Male)
USB Type-C (Male)
3ft
0.91m
BC-HC006F
HDMI (Male)
USB Type-C (Male)
6ft
1.82m
BC-HC010F
HDMI (Male)
USB Type-C (Male)
10ft
3.04m
BC-VC003F
VGA (Male)
USB Type-C (Male)
3ft
0.91m
BC-VC006F
VGA (Male)
USB Type-C (Male)
6ft
1.82m
BC-VC010F
VGA (Male)
USB Type-C (Male)
10ft
3.04m
USB Type-C Adapter Cable Assemblies
Cable Catalog
BC = Cable Assembly Family
F
XXX
BC
DC
DC = DisplayPort (Male) to USB Type-C (Male)
HC = HDMI (Male) to USB Type-C (Male)
VC = VGA (Male) to USB Type-C (Male)
Connector Performance
Part Number
Length
F = Feet
UOM
003F = 3ft 007F = 7ft 015F = 15ft 030F = 30ft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com