Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LARA-R6001D-00B Datasheet(PDF) 7 Page - u-blox AG

Part # LARA-R6001D-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001D-00B Datasheet(HTML) 7 Page - u-blox AG

Back Button LARA-R6001D-00B Datasheet HTML 3Page - u-blox AG LARA-R6001D-00B Datasheet HTML 4Page - u-blox AG LARA-R6001D-00B Datasheet HTML 5Page - u-blox AG LARA-R6001D-00B Datasheet HTML 6Page - u-blox AG LARA-R6001D-00B Datasheet HTML 7Page - u-blox AG LARA-R6001D-00B Datasheet HTML 8Page - u-blox AG LARA-R6001D-00B Datasheet HTML 9Page - u-blox AG LARA-R6001D-00B Datasheet HTML 10Page - u-blox AG LARA-R6001D-00B Datasheet HTML 11Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Functional description
Page 7 of 41
C1-Public
Module
Region
LTE FDD bands1
LTE TDD bands1
WCDMA bands
GSM bands
LARA-R6001
Global
12 (700 MHz)
28 (700 MHz)
13 (700 MHz)
20 (800 MHz)
18 (850 MHz)
19 (850 MHz)
26 (850 MHz)
5 (850 MHz)
8 (900 MHz)
4 (1700 MHz)
3 (1800 MHz)
2 (1900 MHz)
1 (2100 MHz)
7 (2600 MHz)
39 (1900 MHz)
40 (2300 MHz)
41 (2600 MHz)
38 (2600 MHz)
5 (850 MHz)
8 (900 MHz)
2 (1900 MHz)
1 (2100 MHz)
GSM 850
E-GSM 900
DCS 1800
PCS 1900
LARA-R6401
North America
71 (600 MHz)
12 (700 MHz)
13 (700 MHz)
14 (700 MHz)
5 (850 MHz)
4 (1700 MHz)
66 (1700 MHz)
2 (1900 MHz)
LARA-R6801
Europe, Middle East, Africa
Asia-Pacific
Japan
Latin America
28 (700 MHz)
20 (800 MHz)
18 (850 MHz)
19 (850 MHz)
26 (850 MHz)
5 (850 MHz)
8 (900 MHz)
4 (1700 MHz)
3 (1800 MHz)
2 (1900 MHz)
1 (2100 MHz)
7 (2600 MHz)
5 (850 MHz)
8 (900 MHz)
2 (1900 MHz)
1 (2100 MHz)
GSM 850
E-GSM 900
DCS 1800
PCS 1900
Table 2: LARA-R6 series supported LTE, 3G and 2G bands summary
4G LTE
3G UMTS/HSDPA/HSUPA
2G GSM/GPRS/EDGE
3GPP Release 10
Long Term Evolution (LTE)
Evolved UTRA (E-UTRA)
Frequency/Time Division Duplex (FDD/TDD)
DL Rx diversity
3GPP Release 8
High Speed Packet Access (HSPA)
UMTS Terrestrial Radio Access (UTRA)
Frequency Division Duplex (FDD)
DL Rx Diversity
3GPP Release 9
Enhanced Data rate GSM Evolution (EDGE)
GSM EGPRS Radio Access (GERA)
Time Division Multiple Access (TDMA)
DL Advanced Rx Performance Phase 1
LTE Power Class
• Power Class 3 (23 dBm)
UMTS/HSDPA/HSUPA Power Class
• Class 3 (24 dBm)
GSM/GPRS (GMSK) Power Class
• Class 4 (33 dBm) for 850/900 band
• Class 1 (30 dBm) for 1800/1900 band
EDGE (8-PSK) Power Class
• Class E2 (27 dBm) for 850/900 band
• Class E2 (26 dBm) for 1800/1900 band
Data rate
• LTE category 1:
up to 10.3 Mbit/s DL,
up to 5.2 Mbit/s UL
Data rate
• HSDPA category 8:
up to 7.2 Mbit/s DL
• HSUPA category 6:
up to 5.76 Mbit/s UL
Data rate
• GPRS multi-slot class 332, CS1-CS4,
up to 107 kbit/s DL, 85.6 kbit/s UL
• EDGE multi-slot class 332, MCS1-MCS9,
up to 296 kbit/s DL, 236.8 kbit/s UL
Table 3: LARA-R6 series LTE, 3G and 2G characteristics summary
1 LARA-R6 modules support all E-UTRA channel bandwidths for each operating band according to 3GPP TS 36.521-1 [10]
2 GPRS/EDGE multislot class 33 implies a maximum of 5 slots in DL (reception), 4 slots in UL (transmission) with 6 slots in total.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com