Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LARA-R6001D-00B Datasheet(PDF) 20 Page - u-blox AG

Part # LARA-R6001D-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001D-00B Datasheet(HTML) 20 Page - u-blox AG

Back Button LARA-R6001D-00B Datasheet HTML 16Page - u-blox AG LARA-R6001D-00B Datasheet HTML 17Page - u-blox AG LARA-R6001D-00B Datasheet HTML 18Page - u-blox AG LARA-R6001D-00B Datasheet HTML 19Page - u-blox AG LARA-R6001D-00B Datasheet HTML 20Page - u-blox AG LARA-R6001D-00B Datasheet HTML 21Page - u-blox AG LARA-R6001D-00B Datasheet HTML 22Page - u-blox AG LARA-R6001D-00B Datasheet HTML 23Page - u-blox AG LARA-R6001D-00B Datasheet HTML 24Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Pin definition
Page 20 of 41
C1-Public
No
Name
Power
domain
I/O
Description
Remarks
53
VCC
-
I
Module supply input
Supply for RF Power Amplifiers part.
All VCC pins must be connected to external supply.
See sections 4.2.3 and 4.2.4 for detailed specs.
54
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
55
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
56
ANT1
ANT
I/O
Primary antenna
50  nominal characteristic impedance.
Main Tx / Rx antenna interface.
See section 4.2.5, 4.2.6, 0 for details.
57
GND
GND
N/A
Ground
All the GND pins are intended to be connected to ground
58
GND
GND
N/A
Ground
All the GND pins are intended to be connected to ground
59
ANT_DET
ADC
I
Antenna detection
ADC input for antenna presence detection function.
See section 4.2.8 for detailed electrical specs.
60
GND
GND
N/A
Ground
All the GND pins are intended to be connected to ground
61
GND
GND
N/A
Ground
All the GND pins are intended to be connected to ground
62
ANT2
ANT
I
Secondary antenna
50  nominal characteristic impedance.
Rx only for Down-Link Rx diversity.
See section 4.2.5, 4.2.6 for details.
63
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
64
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
65-96
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
97
RFCTRL1
GDI
O
RF control output
LARA-R6401 and LARA-R6401D only.
1.8 V push-pull output to dynamically control external RF
antenna tuning IC, changing the high/low state in real time
according to the cellular RF band in use by the module.
See section 4.2.14 for detailed electrical specs.
RSVD
N/A
RESERVED pin
LARA-R6001, LARA-R6001D and LARA-R6801 only.
Pin reserved for future use.
98
RFCTRL2
GDI
O
RF control output
LARA-R6401 and LARA-R6401D only.
1.8 V push-pull output to dynamically control external RF
antenna tuning IC, changing the high/low state in real time
according to the cellular RF band in use by the module.
See section 4.2.14 for detailed electrical specs.
RSVD
-
N/A
RESERVED pin
LARA-R6001, LARA-R6001D and LARA-R6801 only.
Pin reserved for future use.
99
RSVD
-
N/A
RESERVED pin
Pin reserved for future use.
100
RSVD
-
N/A
RESERVED pin
Pin reserved for future use.
Table 7: LARA-R6 series pin-out
☞ For more information about the pin-out, see the system integration manual [2].
☞ See appendix A for an explanation of the abbreviations and terms used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com