Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LARA-R6001D-00B Datasheet(PDF) 30 Page - u-blox AG

Part # LARA-R6001D-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001D-00B Datasheet(HTML) 30 Page - u-blox AG

Back Button LARA-R6001D-00B Datasheet HTML 26Page - u-blox AG LARA-R6001D-00B Datasheet HTML 27Page - u-blox AG LARA-R6001D-00B Datasheet HTML 28Page - u-blox AG LARA-R6001D-00B Datasheet HTML 29Page - u-blox AG LARA-R6001D-00B Datasheet HTML 30Page - u-blox AG LARA-R6001D-00B Datasheet HTML 31Page - u-blox AG LARA-R6001D-00B Datasheet HTML 32Page - u-blox AG LARA-R6001D-00B Datasheet HTML 33Page - u-blox AG LARA-R6001D-00B Datasheet HTML 34Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Electrical specifications
Page 30 of 41
C1-Public
I2S_WA
T1
I2S_CLK
T2
Figure 4: AC characteristics of digital audio interface (I2S) pins in PCM mode (short synchronization signal), host role
Parameter
Description
Min
Typical
Max
Unit
Remarks
1/T1
I2S_WA synchronization signal frequency
16
kHz
<I2S_sample_rate> = 3
1/T2
I2S_CLK bit clock frequency
16
1/T1
<I2S_mode> = 30
Table 30: AC characteristics of digital audio interface (I2S) pins in PCM mode (short synchronization signal), host role
4.2.15 Smart temperature supervisor
Warning
area
t-1
t+1
t+2
t-2
Valid temperature range
Safe
area
Dangerous
area
Dangerous
area
Warning
area
Figure 5: Temperature range and limits
Symbol
Parameter
Temperature
t-2
Low temperature shutdown
–40 °C
t-1
Low temperature warning
–30 °C
t+1
High temperature warning
+77 °C
t+2
High temperature shutdown
+97 °C
Table 31: Thresholds definition for the “Smart temperature supervisor” feature on the LARA-R6 series modules
☞ The sensor measures the temperature inside the shield, thatcan differ from ambienttemperature
4.3 Parameters for ATEX applications
This section provides useful parameters and information to integrate LARA-R6 series modules in
applications intended for use in areas with potentially explosive atmospheres (ATEX), describing:
•
Total internal capacitance and inductance of LARA-R6 series modules (see Table 32)
•
Maximum RF output power at the antenna pin of LARA-R6 series modules (see Table 33)
☞ Any specific applicable requirement for the implementation of the host apparatus integrating the
modules, intended for use in potentially explosive atmospheres, must be fulfilled according to the
exact applicable standards: check the detailed requisites on the pertinent normative for the
application, as for example IEC 60079-0 [16], IEC 60079-11 [17], IEC 60079-26 [18] standards.
☞ The certification of the application device that integrates a LARA-R6 series module and the
compliance of the application device with all the applicable certification schemes, directives and
standards required for use in potentially explosive atmospheres are the sole responsibility of the
application device manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com