Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LARA-R6001D-00B Datasheet(PDF) 26 Page - u-blox AG

Part # LARA-R6001D-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001D-00B Datasheet(HTML) 26 Page - u-blox AG

Back Button LARA-R6001D-00B Datasheet HTML 22Page - u-blox AG LARA-R6001D-00B Datasheet HTML 23Page - u-blox AG LARA-R6001D-00B Datasheet HTML 24Page - u-blox AG LARA-R6001D-00B Datasheet HTML 25Page - u-blox AG LARA-R6001D-00B Datasheet HTML 26Page - u-blox AG LARA-R6001D-00B Datasheet HTML 27Page - u-blox AG LARA-R6001D-00B Datasheet HTML 28Page - u-blox AG LARA-R6001D-00B Datasheet HTML 29Page - u-blox AG LARA-R6001D-00B Datasheet HTML 30Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Electrical specifications
Page 26 of 41
C1-Public
Parameter
Min.
Typical
Max.
Unit
Remarks
Receiver input sensitivity
Band 1 (2100 MHz)
–104
dBm
Channel bandwidth = 5 MHz
–99.0
dBm
Channel bandwidth = 20 MHz
Receiver input sensitivity
Band 7 (2600 MHz)
–102
dBm
Channel bandwidth = 5 MHz
–97.5
dBm
Channel bandwidth = 20 MHz
Receiver input sensitivity
Band 39 (1900 MHz)
–105
dBm
Channel bandwidth = 5 MHz
–100
dBm
Channel bandwidth = 20 MHz
Receiver input sensitivity
Band 40 (2300 MHz)
–104
dBm
Channel bandwidth = 5 MHz
–98.5
dBm
Channel bandwidth = 20 MHz
Receiver input sensitivity
Band 38 (2600 MHz)
–103
dBm
Channel bandwidth = 5 MHz
–98.0
dBm
Channel bandwidth = 20 MHz
Receiver input sensitivity
Band 41 (2600 MHz)
–103
dBm
Channel bandwidth = 5 MHz
–97.5
dBm
Channel bandwidth = 20 MHz
Condition: 50 , throughput > 95%, dual receiver, QPSK modulation, other settings as per clause 7.3 of 3GPP TS 36.521-1 [10]
Table 16: LTE receiver sensitivity performance
4.2.6 3G RF characteristics
The 3G bands supported by LARA-R6 series modules are defined in Table 3, while Table 17 describes
the transmitting and receiving frequencies for each 3G band according to 3GPP TS 34.121-1 [11].
Parameter
Min.
Max.
Unit
Remarks
Frequency range
Band 5 (850 MHz)
Uplink
824
849
MHz
Module transmits
Downlink
869
894
MHz
Module receives
Frequency range
Band 8 (900 MHz)
Uplink
880
915
MHz
Module transmits
Downlink
925
960
MHz
Module receives
Frequency range
Band 2 (1900 MHz)
Uplink
1850
1910
MHz
Module transmits
Downlink
1930
1990
MHz
Module receives
Frequency range
Band 1 (2100 MHz)
Uplink
1920
1980
MHz
Module transmits
Downlink
2110
2170
MHz
Module receives
Table 17: 3G operating RF frequency bands
LARA-R6 series modules include a UE Power Class 3 3G transmitter (see Table 3), with output power
and characteristics according to 3GPP TS 34.121-1 [11].
LARA-R6 series modules 3G receiver characteristics are compliant to 3GPP TS 34.121-1 [11], with 3G
conducted receiver sensitivity performance described in Table 18.
Parameter
Min.
Typical
Max.
Unit
Remarks
Receiver input sensitivity
Band 5 (850 MHz)
–115
dBm
Downlink RF level for RMC @ BER < 0.1%
Receiver input sensitivity
Band 8 (900 MHz)
–115
dBm
Downlink RF level for RMC @ BER < 0.1%
Receiver input sensitivity
Band 2 (2100 MHz)
–114
dBm
Downlink RF level for RMC @ BER < 0.1%
Receiver input sensitivity
Band 1 (2100 MHz)
–114
dBm
Downlink RF level for RMC @ BER < 0.1%
Condition: 50 , dual receiver, other settings as per clause 6.2 of 3GPP TS 34.121-1 [11]
Table 18: 3G receiver sensitivity performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com