Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LARA-R6001D-00B Datasheet(PDF) 13 Page - u-blox AG

Part # LARA-R6001D-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001D-00B Datasheet(HTML) 13 Page - u-blox AG

Back Button LARA-R6001D-00B Datasheet HTML 9Page - u-blox AG LARA-R6001D-00B Datasheet HTML 10Page - u-blox AG LARA-R6001D-00B Datasheet HTML 11Page - u-blox AG LARA-R6001D-00B Datasheet HTML 12Page - u-blox AG LARA-R6001D-00B Datasheet HTML 13Page - u-blox AG LARA-R6001D-00B Datasheet HTML 14Page - u-blox AG LARA-R6001D-00B Datasheet HTML 15Page - u-blox AG LARA-R6001D-00B Datasheet HTML 16Page - u-blox AG LARA-R6001D-00B Datasheet HTML 17Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Interfaces
Page 13 of 41
C1-Public
2.4.2 SIM card detection
LARA-R6 series modules provide the SIM detection function over the GPIO5 pin to sense the SIM card
physical presence (as an optional feature) when the pin of the module is properly connected to the
mechanical switch of the SIM car holder (see the system integration manual [2]).
2.5 Serial communication
LARA-R6 series modules provide the following serial communication interfaces:
•
Two UART interfaces: serial interfaces available for the communication with a host application
processor (AT commands, data, FW update by means of FOAT).
•
USB interface: Universal Serial Bus 2.0 compliant interface available for the communication with
a host application processor (AT commands, data communication, FW update by means of the
FOAT feature), for FW update by means of the u-blox EasyFlash tool and for diagnostic.
•
I2C interface: I2C bus compatible interface available for the communication with u-blox GNSS
positioning chips/modules and with external I2C devices as an audio codec.
2.5.1 UART interfaces
LARA-R6 series modules include a main primary Universal Asynchronous Receiver/Transmitter serial
interface (UART) for communication with an application host processor, supporting AT commands,
data communication, multiplexer protocol functionality including virtual channel for GNSS tunneling,
and FW update by means of FOAT:
•
8-wire serial port with RS-232 functionality conforming to ITU-T V.24 recommendation [13], with
CMOS compatible levels (0 V for low data bit / ON state, 1.8 V for high data bit / OFF state)
o
Data lines (RXD output, TXD input),
o
hardware flow control lines (CTS output, RTS input),
o
modem status and control lines (DTR input, DSR output, DCD output, RI output)6
•
Hardware flow control (default factory-programmed setting), or none flow control are supported
•
115’200 bit/s (default factory-programmed setting), 230’400 bit/s, 460’800 bit/s, 921’600 bit/s,
and 3’000’000 bit/s baud rates are supported
•
The default factory-programmed frame format is 8N1 (8 data bits, no parity, 1 stop bit)
LARA-R6 series modules include a secondary auxiliary Universal Asynchronous Receiver/Transmitter
serial interface (UART AUX) for communication with an application host processor, supporting AT
commands, data communication, and FW update by means of FOAT:
•
4-wire serial port with RS-232 functionality conforming to ITU-T V.24 recommendation [13], with
CMOS compatible signal levels (0 V for low data bit / ON state, 1.8 V for high data bit / OFF state)
o
Data lines (DCD as data output, DTR as data input)
o
HW flow control lines (RI as flow control output, DSR as flow control input)
•
Hardware flow control (default setting), or none flow control are supported
•
115’200 bit/s (default setting), 230’400 bit/s, 460’800 bit/s, 921’600 bit/s, and 3’000’000 bit/s
baud rates are supported
•
The default frame format is 8N1 (8 data bits, no parity, 1 stop bit)
The UART serial interfaces can be conveniently configured through dedicated AT commands: see the
AT commands manual [1] (+IPR, +ICF, +IFC, &K, \Q, &S, &D, &C, +UPSV, +USIO, +UUARTCONF AT
commands).
6 Alternatively, DTR, DSR, DCD and RI pins can be mutually exclusively configured as a secondary auxiliary UART interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com