Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND9012AJ Datasheet(PDF) 9 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 5Page - STMicroelectronics VND9012AJ Datasheet HTML 6Page - STMicroelectronics VND9012AJ Datasheet HTML 7Page - STMicroelectronics VND9012AJ Datasheet HTML 8Page - STMicroelectronics VND9012AJ Datasheet HTML 9Page - STMicroelectronics VND9012AJ Datasheet HTML 10Page - STMicroelectronics VND9012AJ Datasheet HTML 11Page - STMicroelectronics VND9012AJ Datasheet HTML 12Page - STMicroelectronics VND9012AJ Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Table 7. Logic inputs
7 V < VCC < 28 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
INPUT0,1 characteristics
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN = 0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN = 2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.2
V
VICL
Input clamp voltage
IIN = 1 mA
6
8.5
V
IIN = -1 mA
-0.7
FaultRST characteristics
VFRL
Input low level voltage
0.9
V
IFRL
Low level input current
VIN = 0.9 V
1
µA
VFRH
Input high level voltage
2.1
V
IFRH
High level input current
VIN = 2.1 V
10
µA
VFR(hyst)
Input hysteresis voltage
0.2
V
VFRCL
Input clamp voltage
IIN = 1 mA
6
8.5
V
IIN = -1 mA
-0.7
SEL characteristics (7 V < VCC < 18 V)
VSELL
Input low level voltage
0.9
V
ISELL
Low level input current
VIN = 0.9 V
1
µA
VSELH
Input high level voltage
2.1
V
ISELH
High level input current
VIN = 2.1 V
10
µA
VSEL(hyst)
Input hysteresis voltage
0.2
V
VSELCL
Input clamp voltage
IIN = 1 mA
6
8.5
V
IIN = -1 mA
-0.7
SEn characteristics (7 V < VCC < 18 V)
VSEnL
Input low level voltage
0.9
V
ISEnL
Low level input current
VIN = 0.9 V
1
µA
VSEnH
Input high level voltage
2.1
V
ISEnH
High level input current
VIN = 2.1 V
10
µA
VSEn(hyst)
Input hysteresis voltage
0.2
V
VSEnCL
Input clamp voltage
IIN = 1 mA
9
12
V
IIN = -1 mA
-0.7
VND9012AJ
Main electrical characteristics
DS12727 - Rev 3
page 9/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com