Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND9012AJ Datasheet(PDF) 19 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 15Page - STMicroelectronics VND9012AJ Datasheet HTML 16Page - STMicroelectronics VND9012AJ Datasheet HTML 17Page - STMicroelectronics VND9012AJ Datasheet HTML 18Page - STMicroelectronics VND9012AJ Datasheet HTML 19Page - STMicroelectronics VND9012AJ Datasheet HTML 20Page - STMicroelectronics VND9012AJ Datasheet HTML 21Page - STMicroelectronics VND9012AJ Datasheet HTML 22Page - STMicroelectronics VND9012AJ Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
3
Protections
3.1
Power limitation
The basic working principle of this protection consists of an indirect measurement of the junction temperature
swing ΔTj through the direct measurement of the spatial temperature gradient on the device surface in order
to automatically shut off the output MOSFET as soon as ΔTj exceeds the safety level of ΔTj_SD. According to
the voltage level on the FaultRST pin, the output MOSFET switches on and cycles with a thermal hysteresis
according to the maximum instantaneous power which can be handled (FaultRST = Low) or remains off
(FaultRST = High). The protection prevents fast thermal transient effects and, consequently, reduces thermo-
mechanical fatigue.
3.2
Thermal shutdown
In case the junction temperature of the device exceeds the maximum allowed threshold (typically 175°C),
it automatically switches off and the diagnostic indication is triggered. According to the voltage level on the
FaultRST pin, the device switches on again as soon as its junction temperature drops to TR (FaultRST = Low) or
remains off (FaultRST = High).
3.3
Current limitation
The device is equipped with an output current limiter in order to protect the silicon as well as the other
components of the system (e.g. bonding wires, wiring harness, connectors, loads, etc.) from excessive current
flow. Consequently, in case of short circuit, overload or during load power-up, the output current is clamped to a
safety level, ILIMH, by operating the output power MOSFET in the active region.
3.4
Negative voltage clamp
In case the device drives inductive load, the output voltage reaches a negative value during turn off. A negative
voltage clamp structure limits the maximum negative voltage to a certain value, VDEMAG, allowing the inductor
energy to be dissipated without damaging the device.
VND9012AJ
Protections
DS12727 - Rev 3
page 19/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com