Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND9012AJ Datasheet(PDF) 32 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 28Page - STMicroelectronics VND9012AJ Datasheet HTML 29Page - STMicroelectronics VND9012AJ Datasheet HTML 30Page - STMicroelectronics VND9012AJ Datasheet HTML 31Page - STMicroelectronics VND9012AJ Datasheet HTML 32Page - STMicroelectronics VND9012AJ Datasheet HTML 33Page - STMicroelectronics VND9012AJ Datasheet HTML 34Page - STMicroelectronics VND9012AJ Datasheet HTML 35Page - STMicroelectronics VND9012AJ Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Table 16. PowerSSO-16 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
Θ
0°
8°
Θ1
0°
Θ2
5°
15°
Θ3
5°
15°
A
1.70
A1
0.00
0.10
A2
1.10
1.60
b
0.20
0.30
b1
0.20
0.25
0.28
c
0.19
0.25
c1
0.19
0.20
0.23
D
4.90 BSC
D2
3.31
3.91
D3
2.61
e
0.50 BSC
E
6.00 BSC
E1
3.90 BSC
E2
2.20
2.80
E3
1.49
h
0.25
0.50
L
0.40
0.60
0.85
L1
1.00 REF
N
16
R
0.07
R1
0.07
S
0.20
Tolerance of form and position
aaa
0.10
bbb
0.10
ccc
0.08
ddd
0.08
eee
0.10
fff
0.10
ggg
0.15
VND9012AJ
PowerSSO-16 package information
DS12727 - Rev 3
page 32/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com