Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND9012AJ Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 6Page - STMicroelectronics VND9012AJ Datasheet HTML 7Page - STMicroelectronics VND9012AJ Datasheet HTML 8Page - STMicroelectronics VND9012AJ Datasheet HTML 9Page - STMicroelectronics VND9012AJ Datasheet HTML 10Page - STMicroelectronics VND9012AJ Datasheet HTML 11Page - STMicroelectronics VND9012AJ Datasheet HTML 12Page - STMicroelectronics VND9012AJ Datasheet HTML 13Page - STMicroelectronics VND9012AJ Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Table 8. Protections
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILIMH (1)
DC short- circuit current
VCC = 16 V; Tj = -40°C
-15%
68
15%
A
VCC = 16 V; Tj = 150°C
-15%
56
15%
ILIMH2 (2)
VCC = 19 V; Tj = -40°C
-15%
53
15%
VCC = 19 V; Tj = 150°C
-15%
43
15%
ILIMH at 22 V
VCC = 22 V; Tj = 25°C
20
A
TTSD
Shutdown temperature
150
175
210
°C
Shutdown temperature (VCC
decreasing)
VCC = 2.7 V
140
TRS
Thermal reset of fault diagnostic
indication
VFR = 0 V; VSEn = 5 V
135
THYST
Thermal hysteresis
(TTSD - TRS)(3)
7
ΔTJ_SD
Dynamic temperature
VCC = 16 V;
80
K
VCC = 19 V;
55
tLATCH_RST Fault reset time for output unlatch (3)
VFR = 5 V to 0 V; VSEn = 5 V;
•
E.g. Ch0:
VIN0 = 5 V; VSEL = 0 V
3
10
20
µs
tD_Restart
Latch-OFF delay time before
automatic restart
50
ms
VDEMAG
Turn-off output voltage clamp
IOUT = 1 A; L = 6 mH; Tj = -40 °C
VCC - 36
V
IOUT = 1 A; L = 6 mH; Tj = 25°C to
150 °C
VCC - 36 VCC - 38 VCC - 45
V
1. ILIMH guaranteed between 7V and 16V, -40°C < Tj < 150°C
2. ILIMH2 guaranteed between 16V and 19V, -40°C < Tj < 150°C
3. Parameter guaranteed by design and characterization; not subject to production test.
VND9012AJ
Main electrical characteristics
DS12727 - Rev 3
page 10/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com