Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND9012AJ Datasheet(PDF) 27 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 23Page - STMicroelectronics VND9012AJ Datasheet HTML 24Page - STMicroelectronics VND9012AJ Datasheet HTML 25Page - STMicroelectronics VND9012AJ Datasheet HTML 26Page - STMicroelectronics VND9012AJ Datasheet HTML 27Page - STMicroelectronics VND9012AJ Datasheet HTML 28Page - STMicroelectronics VND9012AJ Datasheet HTML 29Page - STMicroelectronics VND9012AJ Datasheet HTML 30Page - STMicroelectronics VND9012AJ Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
5
Maximum demagnetization energy (VCC = 16 V)
Figure 19. Maximum turn off current versus inductance
0
1
10
100
0.1
1
10
100
1000
L (mH)
Single Pulse Tjstart = 150°C
Repetitive pulse Tjstart = 100°C
Repetitive pulse Tjstart = 125°C
Figure 20. Maximum turn off energy versus inductance
1
10
100
1000
0.1
1
10
100
1000
L (mH)
Single Pulse Tjstart = 150°C
Repetitive pulse Tjstart = 100°C
Repetitive pulse Tjstart = 125°C
VND9012AJ
Maximum demagnetization energy (VCC = 16 V)
DS12727 - Rev 3
page 27/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com