Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-E/SS Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC16F15213T-E/SS
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-E/SS Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC16F15213T-E/SS Datasheet HTML 18Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 19Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 20Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 21Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 22Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 23Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 24Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 25Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 439 page
background image
8.
Device Configuration
Device configuration consists of the Configuration Words, User ID, Device ID, Device Information Area (DIA) and the
Device Configuration Information (DCI) regions.
8.1
Configuration Words
There are five Configuration Words that allow the user to select the device oscillator, Reset and memory protection
options. These are implemented at addresses 0x8007 - 0x800B.
Note:  The DEBUG bit in the Configuration Words is managed automatically by device development tools, including
debuggers and programmers. For normal device operation, this bit needs to be maintained as a ‘1’.
8.2
Code Protection
Code protection allows the device to be protected from unauthorized access. Internal access to the program memory
is unaffected by any code protection setting.
The entire program memory space is protected from external reads and writes by the CP bit. When CP = 0, external
reads and writes of program memory are inhibited and a read will return all ‘0’s. The CPU can continue to read
program memory, regardless of the protection bit settings. Self-writing the program memory is dependent upon the
write-protection setting.
8.3
Write Protection
Write protection allows the device to be protected from unintended self-writes. Applications, such as bootloader
software, can be protected while allowing other regions of the program memory to be modified.
The WRTn Configuration bits determine which of the program memory blocks are protected.
8.4
User ID
Four words in the memory space (8000h-8003h) are designated as ID locations where the user can store checksum
or other code identification numbers. These locations are readable and writable during normal execution. See the
“NVMREG Access to DIA, DCI, User ID, DEV/REV ID, and Configuration Words” section for more information
on accessing these memory locations. See the “Memory Programming Specification” section in the “Electrical
Specifications” chapter for information on the electrical parameters required to program these memory locations.
For more information on checksum calculation, see the “Family Programming Specification”.
8.5
Device ID and Revision ID
The 14-bit Device ID word is located at address 8006h and the 14-bit Revision ID is located at 8005h. These
locations are read-only and cannot be erased or modified.
Development tools, such as device programmers and debuggers, may be used to read the Device ID, Revision
ID and Configuration Words. Refer to the “NVM - Nonvolatile Memory Control” section for more information on
accessing these locations.
8.6
Register Definitions: Configuration Settings
PIC16F15213/14/23/24/43/44
Device Configuration
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com