Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-E/SS Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC16F15213T-E/SS
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-E/SS Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC16F15213T-E/SS Datasheet HTML 89Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 90Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 91Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 92Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 93Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 94Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 95Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 96Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 439 page
background image
12.9.2
PIE0
Name: 
PIE0
Offset: 
0x716
Peripheral Interrupt Enable Register 0
Bit
7
6
5
4
3
2
1
0
TMR0IE
IOCIE
INTE
Access
R/W
R/W
R/W
Reset
0
0
0
Bit 5 – TMR0IE Timer0 Interrupt Enable
Value
Description
1
TMR0 interrupts are enabled
0
TMR0 interrupts are disabled
Bit 4 – IOCIE Interrupt-on-Change Enable
Value
Description
1
IOC interrupts are enabled
0
IOC interrupts are disabled
Bit 0 – INTE  External Interrupt Enable(1)
Value
Description
1
External interrupts are enabled
0
External interrupts are disabled
Notes: 
1.
The external interrupt INT pin is selected by INTPPS.
2.
Bit PEIE in the INTCON register must be set to enable any peripheral interrupt controlled by the PIE1 and
PIE2 registers. Interrupt sources controlled by the PIE0 register do not require the PEIE bit to be set in order to
allow interrupt vectoring (when the GIE bit in the INTCON register is set).
PIC16F15213/14/23/24/43/44
Interrupts
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com