Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-E/SS Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16F15213T-E/SS
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-E/SS Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16F15213T-E/SS Datasheet HTML 61Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 62Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 63Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 64Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 65Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 66Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 67Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 68Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 439 page
background image
10.
Resets
There are multiple ways to reset this device:
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• MCLR Reset
• WDT Reset
• RESET instruction
• Stack Overflow
• Stack Underflow
• Programming mode exit
To allow VDD to stabilize, an optional Power-up Timer can be enabled to extend the Reset time after a BOR or POR
event.
A simplified block diagram of the On-Chip Reset Circuit is shown in Figure 10-1.
Figure 10-1. Simplified Block Diagram of On-Chip Reset Circuit
Filename:
Reset Circuit Block Diagram.vsdx
Title:
Last Edit:
1/23/2020
First Used:
Notes:
Rev. Res et Circ
1/23/2020
Device
Reset
Power-on
Reset
WDT Time-out
Brown-out
Reset
RESET Instruction
MCLRE
PWRTS[1:0]
LFINTOSC
VDD
ICSP
Programming Mode Exit
Stack Underflow
Stack Overflow
Power-up
Timer
VPP/MCLR
Memory Violation
2
10.1
Power-on Reset (POR)
The POR circuit holds the device in Reset until VDD has reached an acceptable level for minimum operation. Slow
rising VDD, fast operating speeds or analog performance may require greater than minimum VDD. The PWRT, BOR or
MCLR features can be used to extend the start-up period until all device operation conditions have been met.
10.1.1
Programming Mode Exit
Upon exit of Programming mode, the device will behave as if a POR had just occurred.
PIC16F15213/14/23/24/43/44
Resets
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com