Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-E/SS Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC16F15213T-E/SS
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-E/SS Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC16F15213T-E/SS Datasheet HTML 49Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 50Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 51Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 52Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 53Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 54Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 55Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 56Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 439 page
background image
Figure 9-20. Traditional/Banked Data Memory Map
Direct Addressing
50
BSR
60
From Opcode
0
0
7FSRxH
00
0
7FSRxL
Indirect Addressing
000000 000001 000010
111111
Bank Select
Location Select
0x00
0x7F
Bank Select
Location Select
Bank 0
Bank 1
Bank 2
Bank 63
Rev. 10-000056B
12/14/2016
Filename:
10-000056B.vsd
Title:
TRADITIONAL DATA MEMORY MAP
Last Edit:
12/14/2016
First Used:
PIC16F153xx
Note:
9.6.2
Linear Data Memory
The linear data memory is the region from FSR address 0x2000 to FSR address 0x2FEF. This region is a virtual
region that points back to the 80-byte blocks of GPR memory in all the banks. Refer to Figure 9-21 for the Linear
Data Memory Map.
Figure 9-21. Linear Data Memory Map
Filename:
10-000057B.vsd
Title:
LINEAR DATA MEMORY MAP
Last Edit:
8/24/2016
First Used:
PIC16F153xx
Note:
0x020
Bank 0
0x06F
0x0A0
Bank 1
0x0EF
0x120
Bank 2
0x16F
0x1920
Bank 50
0x196F
0
0
7
7
FSRnH
FSRnL
Location Select
0x2000
0x2FEF
Rev. 10-000057B
8/24/2016
Important:  The address range 0x2000 to 0x2FEF represents the complete addressable Linear Data
Memory for PIC
® devices (up to Bank 50). The actual implemented Linear Data Memory will differ from one
device to the other in a family.
Unimplemented memory reads as 0x00. Use of the linear data memory region allows buffers to be larger than 80
bytes because incrementing the FSR beyond one bank will go directly to the GPR memory of the next bank.
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com