Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-E/SS Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16F15213T-E/SS
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-E/SS Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16F15213T-E/SS Datasheet HTML 79Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 80Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 81Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 82Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 83Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 84Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 85Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 86Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 439 page
background image
11.3.2
OSCSTAT
Name: 
OSCSTAT
Offset: 
0x890
Oscillator Status Register
Bit
7
6
5
4
3
2
1
0
HFOR
MFOR
LFOR
ADOR
SFOR
Access
R
R
R
R
R
Reset
0
0
0
0
0
Bit 6 – HFOR HFINTOSC Ready
Value
Description
1
The HFINTOSC is ready for use
0
The HFINTOSC is not enabled, or it is not ready for use
Bit 5 – MFOR MFINTOSC Ready
Value
Description
1
The MFINTOSC is ready for use
0
The MFINTOSC is not enabled, or it is not ready for use
Bit 4 – LFOR LFINTOSC Ready
Value
Description
1
The LFINTOSC is ready for use
0
The LFINTOSC is not enabled, or is not ready for use
Bit 2 – ADOR ADCRC Oscillator Ready
Value
Description
1
The ADCRC oscillator is ready for use
0
The ADCRC oscillator is not enabled, or is not ready for use
Bit 1 – SFOR Specified Frequency Oscillator Ready
Value
Description
1
The SFINTOSC is ready for use
0
The SFINTOSC is not ready for use
PIC16F15213/14/23/24/43/44
OSC - Oscillator Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com