Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-E/SS Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16F15213T-E/SS
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-E/SS Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16F15213T-E/SS Datasheet HTML 98Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 99Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 100Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 101Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 102Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 103Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 104Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 105Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 439 page
background image
13.1.2
Wake-Up Using Interrupts
When global interrupts are disabled (GIE cleared) and any interrupt source has both its interrupt enable bit and
interrupt flag bit set, one of the following will occur:
• If the interrupt occurs before the execution of a SLEEP instruction:
– The SLEEP instruction will execute as a NOP
– The WDT and WDT prescaler will not be cleared
– The TO bit will not be set
– The PD bit will not be cleared
• If the interrupt occurs during or after the execution of a SLEEP instruction:
– The SLEEP instruction will be completely executed
– The device will immediately wake up from Sleep
– The WDT and WDT prescaler will be cleared
– The TO bit will be set
– The PD bit will be cleared
Even if the flag bits were checked before executing a SLEEP instruction, it may be possible for flag bits to become set
before the SLEEP instruction completes. To determine whether a SLEEP instruction executed, test the PD bit. If the
PD bit is set, the SLEEP instruction was executed as a NOP.
PIC16F15213/14/23/24/43/44
Sleep Mode
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com