Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EFP01 Datasheet(PDF) 98 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 98 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 94Page - Silicon Laboratories EFP01 Datasheet HTML 95Page - Silicon Laboratories EFP01 Datasheet HTML 96Page - Silicon Laboratories EFP01 Datasheet HTML 97Page - Silicon Laboratories EFP01 Datasheet HTML 98Page - Silicon Laboratories EFP01 Datasheet HTML 99Page - Silicon Laboratories EFP01 Datasheet HTML 100Page - Silicon Laboratories EFP01 Datasheet HTML 101Page - Silicon Laboratories EFP01 Datasheet HTML 102Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 158 page
background image
6.2.5 STATUS_LIVE
Offset
Bit Position
0x04
7
6
5
4
3
2
1
0
Reset
0
0
0
0
0
0
Access
Name
Table 6.5. STATUS_LIVE
Bit
Name
Reset
Access
Description
7:6
RESERVED
0
Reserved. Always write bits to 0.
5
CCC_LIVE
0
read-only
Live view of Coulomb counter calibration operation busy
status
4
TEMP_HI_LIVE
0
read-only
Live view of temperature threshold status. This bit requires
ADC_CC_CTRL.ADC_INTERVAL be set to a non-zero
value to ensure automatic periodic ADC readings are tak-
en.
3
VDD_LOW_LIVE
0
read-only
Live view of VDDB / VDDA threshold status. This bit re-
quires ADC_CC_CTRL.ADC_INTERVAL be set to a non-
zero value to ensure automatic periodic ADC readings are
taken.
2
VOC_INREG_LIVE
0
read-only
Live view of VOC regulation status. This output is only val-
id when LDO C is enabled and not used in parallel with
DCDC A.
1
VOB_INREG_LIVE
0
read-only
Live view of VOB regulation status. This output is only val-
id when DCDC B is enabled.
0
VOA_INREG_LIVE
0
read-only
Live view of VOA regulation status. This output is only val-
id when DCDC A is enabled.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com