Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQQC3-OS Datasheet(PDF) 2 Page - CUI INC

Part # PQQC3-OS
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQQC3-OS Datasheet(HTML) 2 Page - CUI INC

  PQQC3-OS Datasheet HTML 1Page - CUI INC PQQC3-OS Datasheet HTML 2Page - CUI INC PQQC3-OS Datasheet HTML 3Page - CUI INC PQQC3-OS Datasheet HTML 4Page - CUI INC PQQC3-OS Datasheet HTML 5Page - CUI INC PQQC3-OS Datasheet HTML 6Page - CUI INC PQQC3-OS Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 11/10/2022
│ page 2 of 7
CUI Inc
│ SERIES: PQQC3-OS │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
36
48
75
Vdc
start-up voltage
36
Vdc
surge voltage
for maximum of 1 second
-0.7
80
Vdc
current
full load / no load
78/4
80/12
mA
start-up current
500
mA
under voltage protection
25
28
Vdc
input filter
capacitance filter
CTRL
module on: CTRL pin open or pulled high (3.5~12 Vdc)
module off: CTRL pin pulled low to GND (0~1.2 Vdc)
CTRL pin current when pulled low
3
10
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
5 Vdc output
12 Vdc output
15 Vdc output
24 Vdc output
1,000
470
330
100
μF
μF
μF
μF
voltage accuracy
5%~100% load
±1
±3
%
line regulation
input voltage from low to high, full load
±0.5
±1
%
load regulation3
5%~100% load
±0.5
±1.5
%
switching frequency4
PWM mode
460
kHz
transient recovery time
25% load step change, nominal input voltage
300
500
μs
transient response deviation
25% load step change, nominal input voltage
5 Vdc output
all other outputs
±5
±2.5
±8
±5
%
%
temperature coefficient
at full load
±0.03
%/°C
Notes:
3. Load regulation for 0%~5% load is ±3%.
4. Measured at full load. The module reduces the switching frequency for light load (below 50%) efficiency improvement.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com