Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQQC3-OS Datasheet(PDF) 3 Page - CUI INC

Part # PQQC3-OS
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQQC3-OS Datasheet(HTML) 3 Page - CUI INC

  PQQC3-OS Datasheet HTML 1Page - CUI INC PQQC3-OS Datasheet HTML 2Page - CUI INC PQQC3-OS Datasheet HTML 3Page - CUI INC PQQC3-OS Datasheet HTML 4Page - CUI INC PQQC3-OS Datasheet HTML 5Page - CUI INC PQQC3-OS Datasheet HTML 6Page - CUI INC PQQC3-OS Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 11/10/2022
│ page 3 of 7
CUI Inc
│ SERIES: PQQC3-OS │ DESCRIPTION: DC-DC CONVERTER
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over current protection
110
160
250
%
short circuit protection
continuous, auto recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, for 1 minute, 1 mA max
1,500
Vdc
isolation resistance
input to output at 500 Vdc
1,000
MΩ
isolation capacitance
input to output, 100 kHz / 0.1 V
2,200
pF
safety approvals
certified to 62368-1: EN, BS EN
conducted emissions
CISPR32/EN55032 CLASS B (see Fig. 2-2 for recommended circuit)
radiated emissions
CISPR32/EN55032 CLASS B (see Fig. 2-2 for recommended circuit)
ESD
IEC/EN61000-4-2 Contact ±4kV, perf. Criteria B
radiated immunity
IEC/EN61000-4-3 10V/m, perf. Criteria A
EFT/burst
IEC/EN61000-4-4 ±2kV (see Fig. 2-1 for recommended circuit), perf. Criteria B
surge
IEC/EN61000-4-5 ±2kV (see Fig. 2-1 for recommended circuit), perf. Criteria B
conducted immunity
IEC/EN61000-4-6 3 Vr.m.s, perf. Criteria A
MTBF
as per MIL-HDBK-217F, 25°C
1,000
K hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
vibration
10-150Hz, 5G, 0.75mm. along X, Y and Z
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
pin soldering resistance
temperature
1.5 mm away from case for 10 seconds
260
°C
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com