Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQQC3-OS Datasheet(PDF) 4 Page - CUI INC

Part # PQQC3-OS
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQQC3-OS Datasheet(HTML) 4 Page - CUI INC

  PQQC3-OS Datasheet HTML 1Page - CUI INC PQQC3-OS Datasheet HTML 2Page - CUI INC PQQC3-OS Datasheet HTML 3Page - CUI INC PQQC3-OS Datasheet HTML 4Page - CUI INC PQQC3-OS Datasheet HTML 5Page - CUI INC PQQC3-OS Datasheet HTML 6Page - CUI INC PQQC3-OS Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
date 11/10/2022
│ page 4 of 7
CUI Inc
│ SERIES: PQQC3-OS │ DESCRIPTION: DC-DC CONVERTER
units: mm [inch]
general tolerance: ±0.50[±0.020]
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
22.00 × 8.20× 12.80 [0.866 x 0.323 x 0.504 inch]
mm
weight
2.2
g
cooling method
natural convection
MECHANICAL DRAWING
Pin Out
PIN
Function
1
GND_IN
2
Vin
3
Ctrl
5
NC
6
Vo
7
GND_OUT
8
NC
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com