Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQQC3-OS Datasheet(PDF) 1 Page - CUI INC

Part # PQQC3-OS
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQQC3-OS Datasheet(HTML) 1 Page - CUI INC

  PQQC3-OS Datasheet HTML 1Page - CUI INC PQQC3-OS Datasheet HTML 2Page - CUI INC PQQC3-OS Datasheet HTML 3Page - CUI INC PQQC3-OS Datasheet HTML 4Page - CUI INC PQQC3-OS Datasheet HTML 5Page - CUI INC PQQC3-OS Datasheet HTML 6Page - CUI INC PQQC3-OS Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 11/10/2022
page 1 of 7
SERIES: PQQC3-OS
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• 3W isolated output
• single regulated output
• compact, open-frame design
• 1,500 Vdc isolation
• input under-voltage, output over-current and short circuit protection
• remote on/off control
• EN/BS EN 62368 certified
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency²
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PQQC3-D48-S5-OS
48
36 ~ 75
5
0
600
3
200
80
PQQC3-D48-S12-OS
48
36 ~ 75
12
0
250
3
200
81
PQQC3-D48-S15-OS
48
36 ~ 75
15
0
200
3
200
82
PQQC3-D48-S24-OS
48
36 ~ 75
24
0
125
3
200
82
Notes:
1. Ripple and noise are measured at 20 MHz BW, 5%~100% load.
2. At full load.
PART NUMBER KEY
Base Number
PQQC3 - D XX - S XX - OS
Input Voltage
Output Voltage
Output
S = single
Packaging style
S = SIP
Case
O = open frame
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PQQC3-OS

ManufacturerPart #DatasheetDescription
logo
CUI INC
PQQC6-D48-S12-OS CUI-PQQC6-D48-S12-OS Datasheet
1Mb / 8P
DC-DC CONVERTER
11/10/2022
PQQC6-D48-S15-OS CUI-PQQC6-D48-S15-OS Datasheet
1Mb / 8P
DC-DC CONVERTER
11/10/2022
PQQC6-D48-S24-OS CUI-PQQC6-D48-S24-OS Datasheet
1Mb / 8P
DC-DC CONVERTER
11/10/2022
PQQC6-D48-S5-OS CUI-PQQC6-D48-S5-OS Datasheet
1Mb / 8P
DC-DC CONVERTER
11/10/2022
PQQC6-OS CUI-PQQC6-OS Datasheet
1Mb / 8P
DC-DC CONVERTER
11/10/2022
More results

Similar Description - PQQC3-OS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com