Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQQC3-OS Datasheet(PDF) 6 Page - CUI INC

Part # PQQC3-OS
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQQC3-OS Datasheet(HTML) 6 Page - CUI INC

  PQQC3-OS Datasheet HTML 1Page - CUI INC PQQC3-OS Datasheet HTML 2Page - CUI INC PQQC3-OS Datasheet HTML 3Page - CUI INC PQQC3-OS Datasheet HTML 4Page - CUI INC PQQC3-OS Datasheet HTML 5Page - CUI INC PQQC3-OS Datasheet HTML 6Page - CUI INC PQQC3-OS Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 11/10/2022
│ page 6 of 7
CUI Inc
│ SERIES: PQQC3-OS │ DESCRIPTION: DC-DC CONVERTER
APPLICATION CIRCUIT
EMC RECOMMENDED CIRCUIT
Figure 1
Table 1
Cin (μF/V)
Co (μF/V)
100 μF / 100 V
22 μF / 50 V
Model
Vin:48V
FUSE
Choose according to actual
input current
C0, C4
470μF/100V
C1, C2
10μF/100V
C3
22μF/100V
LCM1
4.22mH
CY1, CY2
1nF/400Vac
Table 2
Figure 2
Note: For EMC tests part 1 was used for imunity and part 2 for emissions test. Selecting based on needs.
All the DC/DC converters of this series are tested before delivery using the recommended circuit shown in Fig. 1.
Input and/or output ripple can be further reduced by appropriately increasing the input & output capacitor values Cin and
Cout and/or by selecting capacitors with a low ESR (equivalent series resistance). Also make sure that the capacitance is
not exceeding the specified max. capacitive load value of the product.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com