Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0AB Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 116Page - STMicroelectronics STM32H7B0AB Datasheet HTML 117Page - STMicroelectronics STM32H7B0AB Datasheet HTML 118Page - STMicroelectronics STM32H7B0AB Datasheet HTML 119Page - STMicroelectronics STM32H7B0AB Datasheet HTML 120Page - STMicroelectronics STM32H7B0AB Datasheet HTML 121Page - STMicroelectronics STM32H7B0AB Datasheet HTML 122Page - STMicroelectronics STM32H7B0AB Datasheet HTML 123Page - STMicroelectronics STM32H7B0AB Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 205 page
background image
Figure 37. NAND controller waveforms for common memory write access
tw(NWE)
th(NWE-D)
tv(NWE-D)
FMC_NWE
FMC_NOE
FMC_D[15:0]
td(D-NWE)
ALE (FMC_A17)
CLE (FMC_A16)
FMC_NCEx
td(ALE-NOE)
th(NOE-ALE)
Table 82. Switching characteristics for NAND flash memory read cycles
Symbol
Parameter
Min(1)
Max(1)
Unit
tw(N0E)
FMC_NOE low width
4Tfmc_ker_ck – 0.5
4Tfmc_ker_ck+0.5
ns
tsu(D-NOE)
FMC_D[15-0] valid data before FMC_NOE high
8
-
th(NOE-D)
FMC_D[15-0] valid data after FMC_NOE high
0
-
td(ALE-NOE)
FMC_ALE valid before FMC_NOE low
-
3Tfmc_ker_ck +0.5
th(NOE-ALE)
FMC_NWE high to FMC_ALE invalid
4Tfmc_ker_ck –1
-
1. Guaranteed by characterization results.
Table 83. Switching characteristics for NAND flash write cycles
Symbol
Parameter
Min(1)
Max(1)
Unit
tw(NWE)
FMC_NWE low width
4Tfmc_ker_ck – 0.5
4Tfmc_ker_ck +0.5
ns
tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
0
-
th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
2Tfmc_ker_ck + 1.5
-
td(D-NWE)
FMC_D[15-0] valid before FMC_NWE high
5Tfmc_ker_ck – 2
-
td(ALE-NWE)
FMC_ALE valid before FMC_NWE low
-
3Tfmc_ker_ck +0.5
th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
2Tfmc_ker_ck + 0.5
-
1. Guaranteed by characterization results.
SDRAM waveforms and timings
In all timing tables, Tfmc_ker_ck is the kernel clock period, with the following FMC_SDCLK maximum values:
•
For 2.7 V < VDD <3.6 V: FMC_CLK =110 MHz at 20 pF
•
For 1.8 V < VDD <1.9 V: FMC_CLK =100 MHz at 20 pF
•
For 1.62 V <DD <1.8 V, FMC_CLK =100 MHz at 15 pF
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 120/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com