Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0AB Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 149Page - STMicroelectronics STM32H7B0AB Datasheet HTML 150Page - STMicroelectronics STM32H7B0AB Datasheet HTML 151Page - STMicroelectronics STM32H7B0AB Datasheet HTML 152Page - STMicroelectronics STM32H7B0AB Datasheet HTML 153Page - STMicroelectronics STM32H7B0AB Datasheet HTML 154Page - STMicroelectronics STM32H7B0AB Datasheet HTML 155Page - STMicroelectronics STM32H7B0AB Datasheet HTML 156Page - STMicroelectronics STM32H7B0AB Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 205 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max(1)
Unit
th(RX)
Data input hold time
Master mode
ns
0
-
-
Slave mode
1.5
-
-
tv(TX)
Data output valid time
Slave mode transmitter mode, 1.62 V < VDD < 3.6 V
-
15.5
22
Slave mode transmitter mode, 2.7 V < VDD < 3.6 V
-
15.5
17
Master mode
-
1.5
2
th(TX)
Data output hold time
Slave mode
12
-
-
Master mode
1
-
-
1. At VOS1, these values are degraded by up to 5 %.
Figure 57. USART timing diagram in Master mode
MSv65386V1
CPHA=0
TX
OUTPUT
RX
INPUT
CPHA=0
LSB OUT
LSB IN
CPOL=0
CPOL=1
BIT1 OUT
NSS input
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)/tf(SCK)
th(RX)
High
CPHA=1
CPHA=1
CPOL=0
CPOL=1
tsu(RX)
tv(TX)
th(TX)
MSB IN
BIT6 IN
MSB OUT
1.
Measurement points are done at 0.5VDD and with external CL = 30 pF.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 153/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com