Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0AB Datasheet(PDF) 154 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 150Page - STMicroelectronics STM32H7B0AB Datasheet HTML 151Page - STMicroelectronics STM32H7B0AB Datasheet HTML 152Page - STMicroelectronics STM32H7B0AB Datasheet HTML 153Page - STMicroelectronics STM32H7B0AB Datasheet HTML 154Page - STMicroelectronics STM32H7B0AB Datasheet HTML 155Page - STMicroelectronics STM32H7B0AB Datasheet HTML 156Page - STMicroelectronics STM32H7B0AB Datasheet HTML 157Page - STMicroelectronics STM32H7B0AB Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 205 page
background image
Figure 58. USART timing diagram in Slave mode
MSv65387V1
NSS
input
CPHA=0
CPOL=0
CPHA=0
CPOL=1
TX output
RX input
tsu(RX)
th(RX)
tw(SCKL)
tw(SCKH)
tc(SCK)
tr(SCK)
th(NSS)
tdis(TX)
tsu(NSS)
ta(TX)
tv(TX)
Next bits IN
Last bit OUT
First bit IN
First bit OUT
Next bits OUT
th(TX)
tf(SCK)
Last bit IN
6.3.36.3
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 116 for SPI are derived from tests performed under
the ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized in Table 20. General
operating conditions and Section 6.3.1 , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load CL = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
IO Compensation cell activated.
•
HSLV activated when VDD ≤ 2.7 V
•
VOS level set to VOS0
Note:
At VOS1, the performance can be degraded by up to 5 % compared to VOS0. This is indicated by a footnote
when applicable.
Refer to Section 6.3.16 I/O port characteristics for more details on the input/output alternate function
characteristics (SS, SCK, MOSI, MISO for SPI).
Table 116. SPI dynamic characteristics
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)(2)
Unit
fSCK
SPI clock frequency
Master mode 2.7 < VDD< 3.6 V, SPI1, 2, 3
-
-
125/100(3)
MHz
Master mode, 2.7 < VDD<3.6 V, SPI4, 5, 6
100
Master mode, 1.62 < VDD < 3.6 V, SPI4, 5, 6
75/38(3)
Slave receiver mode, 1.62 < VDD < 3.6 V
100
Slave mode transmitter/full duplex, 2.7 < VDD < 3.6 V
45/31(3)
Slave mode transmitter/full duplex, 1.62 <VDD < 3.6 V
29/18(3)
tsu(SS)
SS setup time
Slave mode
2
-
-
ns
th(SS)
SS hold time
Slave mode
1
-
-
tsu(MI)
Data input setup time
Master mode
3
-
-
ns
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 154/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com