Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25QL641 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 30Page - Renesas Technology Corp AT25QL641 Datasheet HTML 31Page - Renesas Technology Corp AT25QL641 Datasheet HTML 32Page - Renesas Technology Corp AT25QL641 Datasheet HTML 33Page - Renesas Technology Corp AT25QL641 Datasheet HTML 34Page - Renesas Technology Corp AT25QL641 Datasheet HTML 35Page - Renesas Technology Corp AT25QL641 Datasheet HTML 36Page - Renesas Technology Corp AT25QL641 Datasheet HTML 37Page - Renesas Technology Corp AT25QL641 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 34
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.14 Fast Read Quad I/O (EBh)
The Fast Read Quad I/O command reduces cycle overhead through quad access using four I/O pins: I/O0,
I/O1, I/O2, and I/O3. The Quad Enable bit (QE) of Status Register-2 must be set to enable the Fast read Quad
I/O Command.
Continuous Read Mode
The Fast Read Quad I/O command can further reduce command overhead through setting the Mode bits (M7-
0) with following the input address bits (A23-0), as shown in Figure 22. The upper nibble of the mode (M7-4)
controls the length of the next Fast Read Quad I/O command through the inclusion or exclusion of the first byte
command code. The lower nibble bits of the Mode (M3-0) are don't care (X). However, the I/O pins should be
high-impedance prior to the falling edge of the first data out clock. Note that the mode bits are counted as dummy
clocks.
If the Mode bits (M7-0) equal Ax hex, then the next Fast Read Quad I/O command (after CS is raised and then
lowered) does not require the EBh command code, as shown in Figure 23. This reduces the command sequence
by eight clocks and allows the address to be immediately entered after CS is asserted low. If the Mode bits (M7-
0) are any value other than Ax hex, the next command (after CS is raised and then lowered) requires the first byte
command code, thus retuning normal operation. A Mode Bit Reset can be used to reset Mode Bits (M7-0) before
issuing normal commands.
Figure 22. Fast Read Quad I/O Command (Initial command or previous M7-0 ≠ Axh, SPI mode)
Figure 23. Fast Read Quad I/O Command (previous M7-0 = Axh, SPI mode)
Wrap Around in SPI mode
D5
D4
D1
D0
D6 D2
D7 D3
D5
D4
D1
D0
D6 D2
D7 D3
MSB
Output
Data
Byte 1
MSB
Output
Data
Byte 2
Dummy
Byte
Dummy
Byte
M5
M4
M1
M0
M6 M2
M7 M3
MSB
11101011
Opcode (EBh)
High-Impedance
High-Impedance
High-Impedance
MSB
Mode
Byte
A20 A16 A12 A8 A4 A0
A21 A17 A13 A9 A5 A1
A22 A18 A14 A10 A6 A2
A23 A17 A15 A11 A7 A3
Address Bits A23-A0
MSB
23
1
06
7
5
410 11
9
8
121314151617181920212223
I/O0
SCK
I/O1
I/O2
I/O3
CS
Byte 1
Dummy
Byte 2
40
51
62
73
40
51
62
73
A23-16
A15-8
A7-0
40
51
62
73
40
51
62
73
40
51
62
73
M7-0
40
51
62
73
SCK
CS
IO
IO
IO
IO
1
0
2345
67
9
8
10111213
1415
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com