Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25QL641 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 47Page - Renesas Technology Corp AT25QL641 Datasheet HTML 48Page - Renesas Technology Corp AT25QL641 Datasheet HTML 49Page - Renesas Technology Corp AT25QL641 Datasheet HTML 50Page - Renesas Technology Corp AT25QL641 Datasheet HTML 51Page - Renesas Technology Corp AT25QL641 Datasheet HTML 52Page - Renesas Technology Corp AT25QL641 Datasheet HTML 53Page - Renesas Technology Corp AT25QL641 Datasheet HTML 54Page - Renesas Technology Corp AT25QL641 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 51
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.27 Read Manufacturer / Device ID Quad I/O (94h)
The Read Manufacturer/Device ID Quad I/O command provides both the JEDEC assigned manufacturer ID and
the specific device ID. This command allows both address and manufacturer/device ID information to be driven on
the SI (IO0), SO (IO1), WP (IO2), and HOLD (IO3) pins. During the address transfer, the IO0, IO1, IO2, and IO3 pins
are inputs, allowing the 24-bit address to be transferred in only 6 clocks. Device hardware then switches these
pins to outputs and drives the manufacturer/device ID information on these pins, transferring the information in
one-fourth the number of clocks required by the 90h command. The 94h command is called a 1,4,4 transfer,
where the command in transferred on a single pin (IO0), and the address and data are driven on a four pins (IO0 -
IO3).
The command is initiated by driving the CS pin low and shifting the command code 94h followed by a 24-bit
address (A23-A0) of 000000h. After which, the Manufacturer ID for Renesas Electronics (1Fh) and the Device ID
(17h) are shifted out on the falling edge of SCK with most significant bit (MSB) first as shown in Figure 48. If the
24-bit address is initially set to 000001h the Device ID is read first and then followed by the Manufacturer ID.
The Manufacturer and Device ID can be read continuously, alternating from one to the other. The command is
completed by driving CS high.
Figure 48. Read Quad Manufacturer/ Device ID Quad I/O Command (SPI Mode)
0
1
2
3
45
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21
22 23
Command
94h
4
04
0
4
0
4
0
5
1
5
1
5
15
1
A23-16
A15-8
A7-0
23 24 25 26
27 28 29 30
31
CS
SCK
IO0
IO1
CS
SCK
IO0
IO1
High-Impedance
6
2
6
2
6
26
2
IO2
7
3
7
3
7
37
3
IO3
MFR ID
(repeat)
IO2
IO3
4
0
4
0
5
15
1
6
26
2
7
37
3
dummy
MFR ID Device ID
4
04
0
4
0
4
0
5
1
5
1
5
15
1
6
2
6
2
6
26
2
7
3
7
3
7
37
3
DID ID
(repeat)
MFR ID
(repeat)
DID ID
(repeat)
High-Impedance
High-Impedance
M7-0
(00h or 01h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com