Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25QL641 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 72Page - Renesas Technology Corp AT25QL641 Datasheet HTML 73Page - Renesas Technology Corp AT25QL641 Datasheet HTML 74Page - Renesas Technology Corp AT25QL641 Datasheet HTML 75Page - Renesas Technology Corp AT25QL641 Datasheet HTML 76Page - Renesas Technology Corp AT25QL641 Datasheet HTML 77Page - Renesas Technology Corp AT25QL641 Datasheet HTML 78Page - Renesas Technology Corp AT25QL641 Datasheet HTML 79Page - Renesas Technology Corp AT25QL641 Datasheet HTML 80Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 78
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
12. Revision History
Revision
Date
Change Description
A
12/2016
Initial release of AT25QL641 datasheet.
B
02/2017
Updated Note 1 on Table 8.1.
C
05/2017
Updated Table 1-1 (WP pin description). Updated 5.1 (Write Protect Features). Updated Tables
6-1 and 6-2. Restored Sector and Block Protect descriptions. Restored Status Register Memory
Protection tables (Tables 6-3 and 6-4). Added clarification to Write Status Register (01h)
description. Updated document status from Advanced to Complete. Added Errata 11.1.
D
11/2017
Removed references to 133 MHz option. Removed RESET option. Removed 18-WLCSP and
24-ball BGA package options. Removed references to ACC feature.
E
10/2018
Added 133 MHz frequency option to document.
Updated maximum frequency to 133 MHz on page 1.
Updated frequencies in Section 1.
Updated formatting of all tables in document.
Updated Word Read Quad I/O command diagram in Figure 7-50.
Updated frequency in Burst Read with Wrap command in Figure 7-54.
Updated tables in Section 7.33, Set Read Parameters (C0h).
Updated AC Electrical Characteristics in Table 8-7 with 133 MHz option.
Clarified frequency and timing parameters for the 03h and 0Bh commands in Table 8-7.
Updated ordering code table in Section 9.1.
Removed DWF package.
Updated maximum continuous data transfer rate from 52 Mbps to 66 Mbps on page 1.
F
03/2022
Applied new corporate template to document.
Added physical block size information to Features list and to Section 1, Introduction.
Added the following text to Section 7.21, Erase / Program Suspend (75h): “A read operation
from an 8-Mbit area (referred to as a physical block) that includes a suspended area might
provide unreliable data. For the definition of the physical block and for the techniques to ensure
high data integrity, see application note AN-500.”
Removed the 208-mil SOIC package option in Section 10 and Section 11.
Added the following note to the description of the 75h command.
A read operation from a 8-Mbit area (referred to as a physical block) which includes a
suspended area might provide unreliable data. For the definition of the physical block and for
the techniques to ensure high data integrity, see application note AN-500.
Changed “AT25SL128A-SUE-T” to “AT25SL128A-MHE-T” in Section 10.
Removed the “S” from Package Options in Section 10.
Removed “AT25SL128A-SUE-T” from Ordering Code in Section 10.
Removed “8S4” from Package Type in Section 10.
G
09/2022
Removed DWF option from the Package Options list.
Removed the AT25QL641-MHE-T (8S4, SnAgCu) package option from the Package Options
list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com