Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TESEO-LIV3FL Datasheet(PDF) 5 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 5 Page - STMicroelectronics

  TESEO-LIV3FL Datasheet HTML 1Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 2Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 3Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 4Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 5Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 6Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 7Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 8Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
1.4
Pin out description
Table 2. Teseo-LIV3FL pin out description
No
Name
I/O
Description
1
GND
Ground
Ground
2
TX
O
Serial Port Tx (if not used,
must be left floating)
3
RX
I
Serial Port Rx
4
1PPS
O
Time pulse (1PPS) (if not
used, must be left floating)
5
Wake-Up
I
External interrupt pin (if not
used, must be left floating)
6
Vbatt
I
Backup voltage supply
7
VCC_IO
I
IO supply voltage (3.3 V)
8
VCC
I
Supply voltage (from 2.1 V to
4.2 V)
9
nReset
I
RESET_N (if not used, must
be left floating)
10
GND_RF
Ground
Ground
11
RF_IN
I
GNSS signal Input
12
GND_RF
Ground
Ground
13
Ant_OFF
O
External Antenna Control
(if not used, must be left
floating)
14
VCC_RF
O
Output Voltage RF section.
(if not used, must be left
floating)
(1)
15
Reserved
-
Reserved (must be left
floating)
16
SDA
I/O
I2C Data (if not used, must be
left floating)
17
SCL
I/O
I2C Clock (if not used, must
be left floating)
18
Reserved
-
Reserved (must be left
floating)
1. Can be used to supply external active antenna
Teseo-LIV3FL
Pin out description
DS13881 - Rev 3
page 5/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com