Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TESEO-LIV3FL Datasheet(PDF) 20 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 19Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 20Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 21Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Table 8. Current consumption
Symbol
Parameter
Test condition
Typ
Unit
Current consumption
Test condition
GNSS tracking mode
GNSS = GPS only;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 1.8 V;
65
mW
GNSS = GPS/Glonass;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 1.8 V
80
mW
GNSS = GPS/BeiDou;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 1.8 V
80
mW
GNSS = GPS only;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 3.3 V;
95
mW
GNSS = GPS/Glonass;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 3.3 V;
120
mW
GNSS = GPS/BeiDou;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 3.3 V
115
mW
Current consumption
standby
HW-off mode
RTC running = 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = nReset = 0 V
VBAT = ON
19 (VBAT = 1.8 V)
17 (VBAT = 3.3 V)
μA
HW-STANDBY mode
RTC running = 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 1.8 V;
nReset = GND
19.5
μA
RTC running @ 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 3.3 V;
nReset = GND
20.5
μA
SW-STANDBY mode
RTC running @ 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 1.8 V;
9.5
μA
RTC running @ 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 3.3 V
11
μA
15.5
Recommended DC operating conditions
Table 9. Recommended DC operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power supply pins
1.755
1.8
1.98
V
VCC_Bat
Power supply pins for backup
internal logic
1.755
1.8
1.98
V
Teseo-LIV3FL
Recommended DC operating conditions
DS13881 - Rev 3
page 20/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com