Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TESEO-LIV3FL Datasheet(PDF) 19 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 15Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 19Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 20Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 21Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
15
Electrical characteristics
15.1
Parameter conditions
Unless otherwise specified, all voltages are referred to GND.
15.2
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst conditions of ambient
temperature, supply voltage and frequencies by tests in production on 100% of the devices with an ambient
temperature at Tc = 25°C.
15.3
Typical values
Unless otherwise specified, typical data are based on Tc = 25 °C, VCC=1.8 V, VCC_IO=1.8 V and VBAT=1.8 V.
Unless otherwise specified, all typical curves are given only as design guidelines and are not tested.
15.4
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high static voltages. It is advisable to
take normal precautions to avoid application of any voltage higher than the specified maximum rated voltages.
Table 5. Supply voltage characteristics when VCC_IO@1.8 V
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Digital supply
voltage
1.755
1.8
4.2
V
VBAT
Backup input
supply voltage
1.755
1.8
4.2
V
VCC_IO
IO supply voltage
1.755
-
1.98
V
Table 6. Supply voltage characteristics when VCC_IO@3.3 V
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Digital supply
voltage
3.0
3.3
4.2
V
VBAT
Backup input
supply voltage
3.0
3.3
4.2
V
VCC_IO
IO supply voltage
3.0
-
3.6
V
Take care that VCC_IO has to be equal to or lower than VCC and VBAT.
Table 7. Thermal characteristics
Symbol
Parameter
Min
Max
Unit
Toper
Operative ambient
temperature
-40
85
°C
Tstorage
Storage temperature
-40
85
°C
Teseo-LIV3FL
Electrical characteristics
DS13881 - Rev 3
page 19/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com