Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TESEO-LIV3FL Datasheet(PDF) 15 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 11Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 12Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 13Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 14Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 15Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
11
Data logging
Data logging allows the Teseo-LIV3FL receiver to locally save the resolved GNSS position on the flash to be
retrieved on demand by the host.
Teseo-LIV3FL supports only one datalog at a time.
Data logging can be enabled, disabled, and erased using proprietary NMEA runtime commands.
Data logging subsystem supports both:
•
Circular buffer
•
Standard buffer
The recorded data is configurable; data logging supports three types of data logged.
Each type has a different size and different data logged. All the data logged types have: time stamp, latitude, and
longitude while other fields depend on the type. See for details the following table.
Table 4. Datalog type description
Type
Size
Altitude
Odometer
Geo
Quality
Qual_idx
Fix
Speed
1
12
—
—
X
—
X
X
—
2
16
X
—
X
X
—
X
X
3
20
X
X
X
X
—
X
X
Teseo-LIV3FL can support until 12 hours logging using log-type 1 and fix rate at 1 Hz. Detailed information is
available on the Teseo-LIV3FL software user manual.
Teseo-LIV3FL
Data logging
DS13881 - Rev 3
page 15/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com