Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TESEO-LIV3FL Datasheet(PDF) 9 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 5Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 6Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 7Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 8Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 9Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 10Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 11Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 12Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
5
Clock generation
5.1
Temperature-compensated crystal oscillator (TCXO)
Highly stable 26 MHz oscillator controls the down conversion process in the RF block of the Teseo-LIV3FL.
Characteristics of this component are important factors for higher sensitivity to maximize performances especially
in weak-signal environments. They minimize TTFF (Time To First Fix) and better navigation stability.
5.2
Real time clock (RTC)
This is an always-on power domain dedicated to RTC logic (backup system) with 32 kbyte SRAM. It supplied with
a dedicated voltage regulator.
The RTC provides a high-resolution clock, which can be used for GPS. It keeps the time when the system is
inactive and it is internally used to wake up the system when in low-power mode. It has a clock-trimming feature
to compensate for the accuracy of the 32.768 kHz crystal and a secured time update.
Teseo-LIV3FL
Clock generation
DS13881 - Rev 3
page 9/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com