Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3 Datasheet(PDF) 51 Page - STMicroelectronics

Part # SPC584N80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button SPC584N80C3 Datasheet HTML 47Page - STMicroelectronics SPC584N80C3 Datasheet HTML 48Page - STMicroelectronics SPC584N80C3 Datasheet HTML 49Page - STMicroelectronics SPC584N80C3 Datasheet HTML 50Page - STMicroelectronics SPC584N80C3 Datasheet HTML 51Page - STMicroelectronics SPC584N80C3 Datasheet HTML 52Page - STMicroelectronics SPC584N80C3 Datasheet HTML 53Page - STMicroelectronics SPC584N80C3 Datasheet HTML 54Page - STMicroelectronics SPC584N80C3 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 158 page
background image
DS11734 Rev 6
51/158
SPC584Nx, SPC58ENx, SPC58NNx
Electrical characteristics
71
IADCREFH(5),(6) CC
T
ADC high reference
current
Run mode
(average across all codes)
Tj = -40°C to 150°C
—7
µA
Run mode
(average across all codes)
Tj = 150°C to 165°C
—14
Power Down mode
Tj = -40°C to 150°C
—1
Power Down mode
Tj = 150°C to 165°C
—2
IADCREFL(6)
CC
D
ADC low reference
current
Run mode
VDD_HV_ADR_S ≤ 5.5 V
Tj = -40°C to 150°C
—15
µA
Run mode
VDD_HV_ADR_S ≤ 5.5 V
Tj = 150°C to 165°C
—30
Power Down mode
VDD_HV_ADR_S ≤ 5.5 V
Tj = -40°C to 150°C
—1
Power Down mode
VDD_HV_ADR_S ≤ 5.5 V
Tj = 150°C to 165°C
—2
IADV_S(6)
CC
P
VDD_HV_ADV power
supply current
Run mode
—
4.0
mA
D
Power Down mode
Tj = -40°C to 150°C
—0.04
D
Power Down mode
Tj = 150°C to 165°C
—0.08
Table 25. SARn ADC electrical specification (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com