Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPC584N80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPC584N80C3 Datasheet HTML 24Page - STMicroelectronics SPC584N80C3 Datasheet HTML 25Page - STMicroelectronics SPC584N80C3 Datasheet HTML 26Page - STMicroelectronics SPC584N80C3 Datasheet HTML 27Page - STMicroelectronics SPC584N80C3 Datasheet HTML 28Page - STMicroelectronics SPC584N80C3 Datasheet HTML 29Page - STMicroelectronics SPC584N80C3 Datasheet HTML 30Page - STMicroelectronics SPC584N80C3 Datasheet HTML 31Page - STMicroelectronics SPC584N80C3 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 158 page
background image
Electrical characteristics
SPC584Nx, SPC58ENx, SPC58NNx
28/158
DS11734 Rev 6
the same supply segment will have a drift of 4 % above the maximum Vil and 4 % below the
minimum Vih limits. Similarly Vhys parameter will be decreased of 4 %.
Table 11. I/O input electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
TTL
Vihttl
SR
P
Input high level
TTL
—2
—
VDD_HV_IO
+ 0.3
V
Vilttl
SR
P
Input low level
TTL
—
–0.3
—
0.8
V
Vhysttl
CC
C
Input hysteresis
TTL
—0.3
—
—
V
AUTOMOTIVE
Vihaut(1)
SR
P
Input high level
AUTO
VDD_HV_IO =5.0 V ±
10%
3.8
—
VDD_HV_IO
+ 0.3
V
Vilaut(2)
SR
P
Input low level
AUTO
VDD_HV_IO =5.0 V ±
10%
–0.3
—
2.2
V
Vhysaut(3)
CC
C
Input hysteresis
AUTO
VDD_HV_IO =5.0 V ±
10%
0.5
—
—
V
CMOS
Vihcmos
SR
P
Input high level
CMOS(1)
—0.65 * VDD
—
VDD_HV_IO
+ 0.3
V
Vihcmos BD
SR
T
Input high level
CMOS
Buddy Device,
hysteresis on
0.65 *
VDD_HV_IO
—
VDD_HV_IO
+ 0.3
V
Buddy Device,
hysteresis off
0.60 *
VDD_HV_IO
—
VDD_HV_IO
+ 0.3
V
Vilcmos
SR
P
Input low level
CMOS
—
–0.3
—
0.35 * VDD
V
Vhyscmos
CC
C
Input hysteresis
CMOS
—0.10 * VDD
——
V
COMMON
ILKG
CC
P
Pad input
leakage
INPUT-ONLY pads
TJ =150 °C
——
200
nA
ILKG
CC
C
Pad input
leakage
INPUT-ONLY pads
TJ =165 °C
——
270
nA
ILKG
CC
P
Pad input
leakage
MEDIUM pads
TJ =150 °C
——
360
nA
ILKG
CC
C
Pad input
leakage
MEDIUM pads
TJ =165 °C
——
500
nA
ILKG
CC
P
Pad input
leakage
STRONG pads
TJ =150 °C
—
—
1,000
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com