Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPC584N80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPC584N80C3 Datasheet HTML 2Page - STMicroelectronics SPC584N80C3 Datasheet HTML 3Page - STMicroelectronics SPC584N80C3 Datasheet HTML 4Page - STMicroelectronics SPC584N80C3 Datasheet HTML 5Page - STMicroelectronics SPC584N80C3 Datasheet HTML 6Page - STMicroelectronics SPC584N80C3 Datasheet HTML 7Page - STMicroelectronics SPC584N80C3 Datasheet HTML 8Page - STMicroelectronics SPC584N80C3 Datasheet HTML 9Page - STMicroelectronics SPC584N80C3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 158 page
background image
Introduction
SPC584Nx, SPC58ENx, SPC58NNx
6/158
DS11734 Rev 6
1
Introduction
1.1
Document overview
This document provides electrical specifications, pin assignments, and package diagrams
for the SPC5x series of microcontroller units (MCUs). For functional characteristics, see the
SPC5x microcontroller reference manual.
1.2
Description
The SPC58xNx microcontroller belongs to a family of devices superseding the SPC5x
family. SPC58xNx is built on the legacy of the SPC5x family, while introducing new features
coupled with higher throughput to provide substantial reduction of cost per feature and
significant power and performance improvement (MIPS per mW).
1.3
Device feature summary
Table 2 lists a summary of major features for the SPC58xNx device. The feature column
represents a combination of module names and capabilities of certain modules. A detailed
description of the functionality provided by each on-chip module is given later in this
document.
Table 2. SPC58xNx feature summary
Feature
Description
SPC58 family
40 nm
Computing Shell 0
Number of Cores
up to 2
Number of checker cores
up to 1
Local RAM
32 KB Instruction
128 KB Data
Single Precision Floating Point
Yes
SIMD (LSP)
Yes
VLE
Yes
Cache
16 KB Instruction
8 KB Data
Computing Shell 1
Number of Cores
1
Number of checker cores
up to 1
Local RAM
32 KB Instruction
128 KB Data
Single Precision Floating Point
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com