Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3 Datasheet(PDF) 84 Page - STMicroelectronics

Part # SPC584N80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button SPC584N80C3 Datasheet HTML 80Page - STMicroelectronics SPC584N80C3 Datasheet HTML 81Page - STMicroelectronics SPC584N80C3 Datasheet HTML 82Page - STMicroelectronics SPC584N80C3 Datasheet HTML 83Page - STMicroelectronics SPC584N80C3 Datasheet HTML 84Page - STMicroelectronics SPC584N80C3 Datasheet HTML 85Page - STMicroelectronics SPC584N80C3 Datasheet HTML 86Page - STMicroelectronics SPC584N80C3 Datasheet HTML 87Page - STMicroelectronics SPC584N80C3 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 158 page
background image
Electrical characteristics
SPC584Nx, SPC58ENx, SPC58NNx
84/158
DS11734 Rev 6
RLVn
SR D
Stability capacitor equivalent
serial resistance
——
—
50
m
Ω
CBV
SR D Bulk capacitance for HV supply(2)
on one VDD_HV_IO_MAIN/
VSS pair
—4.7
—
µF
CHVn
SR D
Decoupling capacitance for
ballast and IOs(2)
on all VDD_HV_IO/VSS and
VDD_HV_ADR/VSS pairs
—100
—
nF
CFLA
SR D
Decoupling capacitance for Flash
supply(2)(6)
——
10
—
nF
CADC
SR D
ADC supply external
capacitance(2) (6)
VDD_HV_ADV/VSS_HV_ADV
pair.
—2.2
—
µF
SMPS Regulator Mode
Common Configuration(7)
PMOS
SR D
Recommended PMOS transistor
for SMPS mode
PMPB100XPEA
NMOS
SR D
Recommended NMOS transistor
for SMPS mode
PMPB55XNEA
CS2
SR D
SMPS External capacitance on
HV supply(2)
—
-50%
47(8)
+35%
µF
Option A
CS1_A
SR D
SMPS External capacitance on
LV supply(2)
—
-50%
2
×10 +35%
µF
LS_A
SR D SMPS External inductance
—
-30%
10
+30%
µH
Option B
CS1_B
SR D
SMPS External capacitance on
LV supply(9)
—
-35%
3
×10 +35%
µF
LS_B
SR D SMPS External inductance
—
-30%
4.7
+30%
µH
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TJ = –40 / 165 °C, unless otherwise specified.
2. Recommended X7R or X5R ceramic –50% / +35% variation across process, temperature, voltage and after aging.
3. CE capacitance is required both in internal and external regulator mode.
4. For noise filtering, add a high frequency bypass capacitance of 10 nF.
5. For BGA applications it is recommended to implement at least 5 CLV capacitances.
6. Recommended X7R capacitors. For noise filtering, add a high frequency bypass capacitance of 100 nF.
7. The application has to implement one of the two recommended combinations of external components for the SMPS
regulator:
PMOS, NMOS and CS2 (common), plus CS1_A and LS_A (option A), or
PMOS, NMOS and CS2 (common), plus CS1_B and LS_B (option B).
8. The value of the capacitance on the HV supply reported in the datasheet is a general recommendation. The application can
select a different number, based on the external regulator and emc requirements.
9. Recommended X7R or X5R ceramic –35% / +35% variation across process, temperature, voltage and after aging.
Table 38. External components integration (continued)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com