Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3 Datasheet(PDF) 79 Page - STMicroelectronics

Part # SPC584N80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button SPC584N80C3 Datasheet HTML 75Page - STMicroelectronics SPC584N80C3 Datasheet HTML 76Page - STMicroelectronics SPC584N80C3 Datasheet HTML 77Page - STMicroelectronics SPC584N80C3 Datasheet HTML 78Page - STMicroelectronics SPC584N80C3 Datasheet HTML 79Page - STMicroelectronics SPC584N80C3 Datasheet HTML 80Page - STMicroelectronics SPC584N80C3 Datasheet HTML 81Page - STMicroelectronics SPC584N80C3 Datasheet HTML 82Page - STMicroelectronics SPC584N80C3 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 158 page
background image
DS11734 Rev 6
79/158
SPC584Nx, SPC58ENx, SPC58NNx
Electrical characteristics
79
DCREF
CC D PLL reference clock duty cycle (CLKIN)
—
30
—
70
%
PN
CC D
Integrated phase noise (single side
band)
fRF_REF = 20 MHz
—
—
-58
dBc
fVCO
CC P
PLL VCO frequency
—
312
—
320(3) MHz
tLOCK
CC D
PLL phase lock
—
—
—
150(4)
µs
ΔPERREF SR
T
Input reference clock jitter (peak to peak)
Single period,
fRF_REF =20MHz
——
350
ps
T
Long term,
fRF_REF =20MHz
-500
—
500
ps
ΔPEREYE CC T
Output Eye Jitter (peak to peak)(5)
——
—
400
ps
1. The specifications in this table apply to both the interprocessor bus and debug LFAST interfaces.
2. If the input frequency is lower than 20 MHz, it is required to set a input division factor of 1.
3. The 320 MHz frequency is achieved with a 20 MHz reference clock.
4. The total lock time is the sum of the coarse lock time plus the programmable lock delay time 2 clock cycles of the peripheral
bridge clock that is connected to the PLL on the device (to set the PLL enable bit).
5. Measured at the transmitter output across a 100
Ω termination resistor on a device evaluation board. See Figure 12.
Table 35. LFAST PLL electrical characteristics(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com