Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56600FM/AD Datasheet(PDF) 19 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 15Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 16Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 17Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 18Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 19Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 20Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 21Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 22Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
DSP56652
DSP56652 Signal Description
Preliminary
MOTOROLA
DSP56652 Technical Data Sheet
1-13
Ground
Table 1-5
Ground
Ground Names
Description
GNDA
Address bus ground
ÑThese lines connect system ground to the address bus.
GNDB
Smart Card interface ground
ÑThese lines connect system ground to the Smart
Card bus.
GNDC
Bus control ground
ÑThis line connects ground to the bus control logic.
GNDD
Data bus ground
ÑThese lines connect system ground to the data bus.
GNDE
Audio codec port ground
ÑThese lines connect system ground to the audio codec
port.
GNDF
Clock output ground
ÑThis line supplies a quiet ground connection for the clock
output drivers. Ensure that this line connects through an extremely low impedance
path to ground. Use a 0.1
mF bypass capacitor located as close as possible to the chip
package to connect between the VCCF line and the GNDF line.
GNDG
GPIO ground
ÑThese lines connect system ground to GPIO, keypad, data port,
interrupts, STO, and JTAG I/O drivers.
GNDH
Baseband codec and timer ground
ÑThese lines connect system ground to the
baseband codec, timer and QSPI I/O drivers.
GNDK
Emulation port ground
ÑThese lines connect system ground to the emulation port
I/O drivers.
GNDP
Analog PLL circuit ground
ÑThis line supplies a dedicated quiet ground connection
for the analog PLL circuits and must remain relatively noise-free to ensure stable
PLL frequency and performance. Ensure that this line connects through an
extremely low impedance path to ground. Use a 0.1
mF capacitor and a 0.01 mF
capacitor located as close as possible to the chip package to connect between the
VCCP line and the GNDP line.
GNDP1
Analog PLL circuit ground
ÑThis line supplies a dedicated quiet ground connection
for the analog PLL circuits and must remain relatively noise-free to ensure stable
PLL frequency and performance. Ensure that this line connects through an
extremely low impedance path to ground. Use a 0.1
mF capacitor and a 0.01 mF
capacitor located as close as possible to the chip package to connect between the
VCCP line and the GNDP line.
GNDQ
Quiet ground
ÑThese lines supply a quiet ground connection for the internal logic
circuits. Ensure that this line connects through an extremely low impedance path to
ground. Use a 0.1
mF bypass capacitor located as close as possible to the chip
package to connect between the VCCQ line and the GNDQ line.
GND
Substrate ground
ÑThese lines must be tied to ground.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com