| Electronic Components Datasheet Search |
|
DSP56600FM/AD Datasheet(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD Datasheet(HTML) 23 Page - NXP Semiconductors |
|
23 / 76 page ![]() DSP56652 DSP56652 Signal Description Preliminary MOTOROLA DSP56652 Technical Data Sheet 1-17 Reset, Mode, and Multiplexer Control Table 1-11 Reset, Mode, and Multiplexer Control Signals Signal Name Signal Type State during Reset Signal Description RESET_IN Input Input Reset input ÑThis signal is an active low Schmitt trigger input that provides a reset signal to the internal circuitry. The input is valid if it is asserted for at least three CKIL clock cycles. This pin has a 47k W pull-up resistor. Note: If MUX_CTL is held high, the RTS signal of the serial data port (UART) becomes the RESET_IN input line. (See Table 1-15 on page 1-26.) RESET_OUT Output Pulled low Reset output ÑThis signal is asserted low for at least seven CKIL clock cycles under one of the following conditions: ¥ RESET_IN is pulled low for at least three CKIL clock cycles ¥ The alternate RESET_IN signal is enabled by MUX_CTL and is pulled low for at least three CKIL clock cycles ¥ The watchdog count expires This signal is asserted immediately after the qualifier detects a valid RESET_IN signal, remains asserted during RESET_IN assertion, and is stretched for at least seven more CKIL clock cycles after RESET_IN is deasserted. Three CKIL clock cycles before RESET_OUT is deasserted, the MCU boot mode is latched from the MOD signal. MOD Input Input Mode select ÑThis signal selects the MCU boot mode during hardware reset. If MOD is driven low at least four CKIL clock cycles before RESET_OUT is deasserted, then the internal MCU ROM ignores the first access and the M¥CORE fetches the first word from the first location the external Flash memory. If MOD is driven high four CKIL clock cycles before RESET_OUT deassertion, then the internal MCU ROM is enabled and the M¥CORE fetches the first word from the first location in the internal ROM. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |