Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56600FM/AD Datasheet(PDF) 26 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 22Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 23Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 24Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 25Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 26Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 27Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 28Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 29Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
Preliminary
1-20
DSP56652 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56652 Signal Description
Normal:
MUX_CTL driven low
INT6
STDA
DSR
Input or
Output
Output
Output
Input
Interrupt 6
ÑWhen selected, this signal can be programmed as an
interrupt input or a GPIO signal, and has a 47k
W pull-up resistor.
As a Schmitt trigger interrupt input, the signal can be programmed
to be level sensitive, positive edge-triggered, or negative edge-
triggered. When edge-triggered, triggering occurs at a voltage level
and is not directly related to the fall time of the interrupt signal;
however, as signal fall time of the interrupt signal increases, the
probability of generating multiple interrupts due to this noise also
increases.
Audio codec serial transmit data
(alternate)ÑWhen programmed
as STDA, this signal transmits data from the serial transmit shift
register in the serial audio codec port.
Note:
When this signal is used as STDA, the primary STDA signal
is disabled. (See Table 1-18 on page 1-31.)
Data set ready
ÑWhen programmed as GPIO output, this signal can
be used as the DSR output for the serial data port. (See Table 1-15
on page 1-26)
The signal is a GPIO when not programmed as one of the above
functions. After reset, the default state for this signal is GPI.
Alternate:
MUX_CTL driven high
TRST
Input
Input
Test Reset
ÑWhen selected, this signal acts as the TRST input for the
JTAG TAP controller. The signal is a Schmitt trigger input that
asynchronously initializes the JTAG test controller when asserted.
Note:
When this signal is enabled, the primary TRST signal is
disconnected from the TAP controller. (See Table 1-22
on page 1-36.)
Table 1-12
Interrupt Signals (Continued)
Signal
Name
Signal
Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com