| Electronic Components Datasheet Search |
|
DSP56600FM/AD Datasheet(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD Datasheet(HTML) 35 Page - NXP Semiconductors |
|
35 / 76 page ![]() DSP56652 DSP56652 Signal Description Preliminary MOTOROLA DSP56652 Technical Data Sheet 1-29 Serial Control Port For serial control port signals equipped with resistors, all pull-ups and pull-downs are automatically disconnected when the pin is an output. Table 1-16 Serial Control Port Signals Signal Name Signal Type State during Reset Signal Description SPICS0Ð SPICS3 Output Input or Output Input Synchronous peripheral chip Select 0Ð3 ÑThe output signals provide chip select signals for the queued serial peripheral interface (QSPI). The signals are programmable as active high or active low. Each signal has an on-chip 100 k W pull-up resistor. These are GPIO signals when the chip select functions are not being used. After reset, the default state for each signal is GPI. SPICS4 Output Input or Output Input Synchronous peripheral chip select 4 ÑThis output signal provides a chip select signal for the QSPI. This signal is programmable as active high or active low. This signal has an on-chip 100 k W pull- down resistor. This is a GPIO signal when the chip select function is not being used. After reset, the default state is GPI. SCK Output Input or Output Input Serial clock Ñ This output signal provides the serial clock from the QSPI for the accessed peripherals. There is a programmable number of clock cycles delay between the assertion of the chip select signal and the first transmission of the serial clock. The polarity and phase of SCK are programmable. This is a GPIO signal when the SCK function is not being used. After reset, the default state is GPI. MISO Input Input or Output Input Synchronous master in slave out ÑThis input signal provides serial data input to the QSPI. Input data can be sampled on the rising or falling edge of SCK and received in QSPI RAM MSB or LSB first. This is a GPIO signal when the function is not being used. After reset, the default state is GPI. MOSI Output Input or Output Input Synchronous master out slave in ÑThis output signal provides serial data from the QSPI. Output data can be programmed to change state on the rising or falling edge of SCK and transmitted MSB or LSB first. This is a GPIO signal when the function is not being used. After reset, the default state is GPI. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |