| Electronic Components Datasheet Search |
|
DSP56600FM/AD Datasheet(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD Datasheet(HTML) 31 Page - NXP Semiconductors |
|
31 / 76 page ![]() DSP56652 DSP56652 Signal Description Preliminary MOTOROLA DSP56652 Technical Data Sheet 1-25 For keypad port signals equipped with resistors, all pull-ups and pull-downs are automatically disconnected when the pin is an output. Normal: MUX_CTL driven low ROW7 SCKA RI Input or Output Input Output Input Row sense 7Ñ This signal functions as a keypad row sense. Audio codec serial clock (alternate)ÑWhen programmed as SCKA, this signal provides the serial bit rate clock for the serial audio codec port. In synchronous mode, the signal provides the clock input or output for both the transmitter and receiver. In asynchronous mode, the signal provides the clock for the transmitter only. Note: When this signal is used as SCKA, the primary SCKA signal is disabled. (See Table 1-18 on page 1-31.) Ring indicator ÑWhen programmed as GPIO output, this signal can be used as the RI output for the serial data port. (See Table 1-15 on page 1-26.) After reset, the default state is GPI Alternate: MUX_CTL driven high TCK Input Input Test clock ÑWhen selected, this signal provides the TCK input for the JTAG TAP controller. The signal is used to synchronize the JTAG test logic. This signal is equipped with a 47k W pull-up resistor. Note: When this signal is enabled, the primary TCK signal is disconnected from the TAP controller. (See Table 1-22 on page 1-36.) Table 1-14 Keypad Port Signals (Continued) Signal Name Signal Type State during Reset Signal Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |