Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICSSSTUB32866B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICSSSTUB32866B
Description  25-Bit Configurable Registered Buffer for DDR2
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUB32866B Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICSSSTUB32866B Datasheet HTML 1Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 2Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 3Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 4Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 5Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 6Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 7Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
ICSSSTUB32866B
Advance Information
1165A—3/21/07
General Description
This 25-bit 1:1 or 14-bit 1:2 configurable registered buffer is designed for 1.7-V to 1.9-V VDD operation.
All clock and data inputs are compatible with the JEDEC standard for SSTL_18. The control inputs are LVCMOS. All
outputs are 1.8-V CMOS drivers that have been optimized to drive the DDR-II DIMM load. ICSSSTUB32866B operates
from a differential clock (CK and CK). Data are registered at the crossing of CK going high, and CK going low.
The C0 input controls the pinout configuration of the 1:2 pinout from A configuration (when low) to B configuration (when
high). The C1 input controls the pinout configuration from 25-bit 1:1 (when low) to 14-bit 1:2 (when high).
A - Pair Configuration (CO1 = 0, CI1 = 1 and CO2 = 0, CI2 = 1)
Parity that arrives one cycle after the data input to which it applies is checked on the PAR_IN of the first register.
The second register produces to PPO and QERR signals. The QERR of the first register is left floating. The valid
error information is latched on the QERR output of the second register. If an error occurs QERR is latched low for
two cycles or until Reset is low.
B - Single Configuration (CO = 0, C1 = 0)
The device supports low-power standby operation. When the reset input (RST) is low, the differential input receivers
are disabled, and undriven (floating) data, clock and reference voltage (VREF) inputs are allowed. In addition, when
RST is low all registers are reset, and all outputs are forced low. The LVCMOS RST and Cn inputs must always be
held at a valid logic high or low level. To ensure defined outputs from the register before a stable clock has been supplied,
RST must be held in the low state during power up.
In the DDR-II RDIMM application, RST is specified to be completely asynchronous with respect to CK and CK.
Therefore, no timing relationship can be guaranteed between the two. When entering reset, the register will be cleared
and the outputs will be driven low quickly, relative to the time to disable the differential input receivers. However, when
coming out of reset, the register will become active quickly, relative to the time to enable the differential input receivers.
As long as the data inputs are low, and the clock is stable during the time from the low-to-high transition of RST until
the input receivers are fully enabled, the design of the ICSSSTUB32866B must ensure that the outputs will remain
low, thus ensuring no glitches on the output.
The device monitors both DCS and CSR inputs and will gate the Qn outputs from changing states when both DCS and
CSR inputs are high. If either DCS or CSR input is low, the Qn outputs will function normally. The RST input has priority
over the DCS and CSR control and will force the outputs low. If the DCS-control functionality is not desired, then the
CSR input can be hardwired to ground, in which case, the setup-time requirement for DCS would be the same as for
the other D data inputs. Package options include 96-ball LFBGA (MO-205CC).
Parity and Standby Functionality Truth Table
Rst
DCS
CSR
CK
CK
Sum of Inputs = H
(D1 - D25)
PAR_IN
PPO
QERR
HL
X
↑↓
Even
LLH
HL
X
↑↓
Odd
L
H
L
HL
X
↑↓
Even
H
H
L
HL
X
↑↓
Odd
H
L
H
HH
L
↑↓
Even
LLH
HH
L
↑↓
Odd
H
H
L
HH
H
↑↓
XX
PPO0
QERR0
H
X
X
L or H
L or H
X
X
PPO0
QERR0
L
X or
Floating
X or
Floating
X or
Floating
X or
Floating
X or Floating
X or
Floating
LH
3. PAR_IN arrives two clock cycles after the data to which it applies when CO = 1.
Inputs
Outputs
4. Assume QERR is high at the CK
↑ and CK↓ crossing. If QERR is low it stays latched low for two
clock cycles on until Rst is low.
1. CO = 0 and CI = 0, Data inputs are D2, D3, D5, D6, D8 - D25.
CO = 0 and CI = 1, Data inputs are D2, D3, D5, D6, D8 - D14
CO = 1 and CI = I, Data inputs are D1 - D6, D8 - D10, D12, D13
2. PAR_IN arrives one clock cycle after the data to which it applies when CO = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com