Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICSSSTUB32866B Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICSSSTUB32866B
Description  25-Bit Configurable Registered Buffer for DDR2
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUB32866B Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICSSSTUB32866B Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 14Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 17Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 18Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 19Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
ICSSSTUB32866B
Advance Information
1165A—3/21/07
2. Device standard (cont'd)
‡
PAR_IN is driven from PPO of the first SSTU32866 device.
§
If the data is clocked in on the n clock pulse, the QERR# output signal will be generated on the n+2 clock pulse, and it will be valid on
the n+3 clock pulse.
CK
D1•D14 †
RST#
tsu
tpd
CK to PPO
th
tsu
th
tpdm , t pdmss
CK to Q
DCS#
CSR#
CK#
Q1•Q14
PAR_IN †‡
n
n + 1
n + 2
PPO
(not used)
n + 3
n + 4
tPHL
CK to QERR#
QERR# §
tPHL , t PLH
CK to QERR#
tact
H, L, or X
H or L
Data to QERR#
Latency
Figure 15 — Timing diagram for the second SSTU32866 (1:2 register-B configuration) device used in
pair; C0=1, C1=1; RST# switches from L to H
After RST# switched from low to high, all data and PAR_IN inputs signals must be set and held low for a minimum time of t
max, to avoid false error.
ACT
†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com