Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICSSSTUB32866B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICSSSTUB32866B
Description  25-Bit Configurable Registered Buffer for DDR2
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUB32866B Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICSSSTUB32866B Datasheet HTML 1Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 2Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 3Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 4Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 5Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 6Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 7Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
ICSSSTUB32866B
Advance Information
1165A—3/21/07
e
m
a
N
l
a
n
i
m
r
e
Tn
o
i
t
p
i
r
c
s
e
D
l
a
c
i
r
t
c
e
l
E
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
D
N
Gd
n
u
o
r
G
t
u
p
n
i
d
n
u
o
r
G
V
D
D
e
g
a
t
l
o
v
y
l
p
p
u
s
r
e
w
o
P
l
a
n
i
m
o
n
V
8
.
1
V
F
E
R
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
t
u
p
n
I
l
a
n
i
m
o
n
V
9
.
0
Z
H
O
e
s
u
e
r
u
t
u
f
r
o
f
d
e
v
r
e
s
e
R
t
u
p
n
I
Z
L
O
e
s
u
e
r
u
t
u
f
r
o
f
d
e
v
r
e
s
e
R
t
u
p
n
I
K
Ct
u
p
n
i
k
c
o
l
c
r
e
t
s
a
m
e
v
i
t
i
s
o
P
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
K
Ct
u
p
n
i
k
c
o
l
c
r
e
t
s
a
m
e
v
i
t
a
g
e
N
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
1
C
,
0
Cs
t
u
p
n
i
l
o
r
t
n
o
c
n
o
i
t
a
r
u
g
i
f
n
o
C
s
t
u
p
n
i
S
O
M
C
V
L
T
S
R
V
s
e
l
b
a
s
i
d
d
n
a
s
r
e
t
s
i
g
e
r
s
t
e
s
e
r
-
t
u
p
n
i
t
e
s
e
r
s
u
o
n
o
r
h
c
n
y
s
A
F
E
R
d
n
a
a
t
a
d
s
r
e
v
i
e
c
e
r
t
u
p
n
i
-
l
a
i
t
n
e
r
e
f
f
i
d
k
c
o
l
c
t
u
p
n
i
S
O
M
C
V
L
S
C
D
,
R
S
C
s
t
u
p
n
i
h
t
o
b
n
e
h
w
g
n
i
h
c
t
i
w
s
s
t
u
p
t
u
o
4
2
D
-
1
D
s
e
l
b
a
s
i
d
-
s
t
u
p
n
i
t
c
e
l
e
s
p
i
h
C
h
g
i
h
e
r
a
t
u
p
n
i
8
1
_
L
T
S
S
5
2
D
-
1
D
e
h
t
d
n
a
K
C
f
o
e
g
d
e
g
n
i
s
i
r
e
h
t
f
o
g
n
i
s
s
o
r
c
e
h
t
n
o
n
i
k
c
o
l
c
-
t
u
p
n
i
a
t
a
D
K
C
f
o
e
g
d
e
g
n
il
l
a
f
t
u
p
n
i
8
1
_
L
T
S
S
T
D
O
D
d
n
a
S
C
D
e
h
t
y
b
d
e
d
n
e
p
s
u
s
e
b
t
o
n
ll
i
w
t
i
b
r
e
t
s
i
g
e
r
s
i
h
t
f
o
s
t
u
p
t
u
o
e
h
T
l
o
r
t
n
o
c
R
S
C
t
u
p
n
i
8
1
_
L
T
S
S
E
K
C
D
d
n
a
S
C
D
e
h
t
y
b
d
e
d
n
e
p
s
u
s
e
b
w
o
n
ll
i
w
t
i
b
r
e
t
s
i
g
e
r
s
i
h
t
f
o
s
t
u
p
t
u
o
e
h
T
l
o
r
t
n
o
c
R
S
C
t
u
p
n
i
8
1
_
L
T
S
S
5
2
Q
-
1
Q
l
o
r
t
n
o
c
R
S
C
d
n
a
S
C
D
e
h
t
y
b
d
e
d
n
e
p
s
u
s
e
r
a
t
a
h
t
s
t
u
p
u
o
a
t
a
D
S
O
M
C
V
8
.
1
S
C
Q
l
o
r
t
n
o
c
R
S
C
d
n
a
S
C
D
e
h
t
y
b
d
e
d
n
e
p
s
u
s
e
b
t
o
n
ll
i
w
t
a
h
t
t
u
p
t
u
o
a
t
a
D
S
O
M
C
V
8
.
1
T
D
O
Q
l
o
r
t
n
o
c
R
S
C
d
n
a
S
C
D
e
h
t
y
b
d
e
d
n
e
p
s
u
s
e
b
t
o
n
ll
i
w
t
a
h
t
t
u
p
t
u
o
a
t
a
D
S
O
M
C
V
8
.
1
E
K
C
Q
l
o
r
t
n
o
c
R
S
C
d
n
a
S
C
D
e
h
t
y
b
d
e
d
n
e
p
s
u
s
e
b
t
o
n
ll
i
w
t
a
h
t
t
u
p
t
u
o
a
t
a
D
S
O
M
C
V
8
.
1
O
P
P.
5
2
D
-
1
D
s
t
u
p
n
i
f
o
y
t
i
r
a
p
f
f
o
s
e
t
a
c
i
d
n
i
t
u
o
y
t
i
r
a
p
l
a
i
t
r
a
P
S
O
M
C
V
8
.
1
N
I
_
R
A
P
t
u
p
n
i
a
t
a
d
g
n
i
d
n
o
p
s
e
r
r
o
c
e
h
t
r
e
t
f
a
e
l
c
y
c
k
c
o
l
c
e
n
o
s
e
v
i
r
r
a
t
u
p
n
i
y
t
i
r
a
P
t
u
p
n
i
8
1
_
L
T
S
S
R
R
E
Q
a
t
a
d
g
n
i
d
n
o
p
s
e
r
r
o
c
e
h
t
r
e
t
f
a
e
l
c
y
c
k
c
o
l
c
e
n
o
d
e
t
a
r
e
n
e
g
-
t
i
b
r
o
r
r
e
t
u
p
t
u
O
t
u
p
t
u
o
n
i
a
r
d
n
e
p
O
t
u
p
t
u
o
Ball Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com