Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC44BC375U/J/T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MC44BC375U/J/T
Description  MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC44BC375U/J/T Datasheet(HTML) 3 Page - NXP Semiconductors

  MC44BC375U/J/T Datasheet HTML 1Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 2Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 3Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 4Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 5Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 6Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 7Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 8Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Device Overview
MC44BC375/U/J/T Technical Data
2 Device Overview
Figure 2 shows a simplified block diagram of the MC44BC375U/J/Tdevice.
The MC44BC375U/J/T device has two main sections:
1. A modulator section which accepts audio and video inputs and modulates the VHF carrier.
2. A PLL section to synthesize the UHF/VHF output channel frequency (from an integrated
UHF oscillator, divided for VHF output)
The high frequency BICMOS technology permits integration of tank circuit and certain filtering functions.
Figure 2. MC44BC375/U/J/T Block Diagram
VCO & PLL
SECTION
8
1
2
31.25kHz
6
15
10
4
Channel
Select
-
CHS
PS1/2
Select
-PSS
VIDEO
SPLLFLT
PREEM
PLLFLT
XTAL
MODULATOR
SECTION
4Mhz
XCO
UHF
OSC.
13
LPF
Sound
Modulator
Video
Modulator
LPF
ALC
Sound
Oscillator
and FM
Modulator
Sound
PFD
Audio
Ampli
Prog.
Divider
7 AUDIO
3
LOP
11 VCCA
LPF
12
GND
5 GND
Peak
White Clip
31.25kHz
Clamp
Prog.
Divider
Phase
Comp.
Ref Divider
/128
PLL
75
Ω
9
16
Snd Freq
Select
-SFS
14
VHF
Divider
Test Mode
Divider
SFS
PSS
CHS
Prescaler
/8
TVOUT
Power
save
Psave/
LOP
TVOVCC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com