Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC44BC375U/J/T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MC44BC375U/J/T
Description  MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC44BC375U/J/T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MC44BC375U/J/T Datasheet HTML 3Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 4Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 5Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 6Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 7Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 8Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 9Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 10Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Video Characteristics
MC44BC375/U/J/T Technical Data
9 Video Characteristics
10 Audio Characteristics
All audio measurement use specified pre-emphasis circuit.
11 Characterization Measurement Conditions
Device default configuration unless otherwise specified:
•
Sound subcarrier frequency = 5.5Mhz
•
Picture-to-sound carrier ratio = 12dB
•
CH3 & CH4 frequencies
RF Inputs / Output into 75ohm Load using a 75 to 50 ohm transformation.Video Input 1V pk-pk.Audio
pre-emphasis circuit engaged.
Parameter
Test Conditions
Min
Typ
Max
Unit
Type
Video bandwidth
Reference 0dB at 100kHz, measured at
5MHz
-1.5
-0.5
—
dB
C
Video input level
75Ohm load
—
—
1.5Vcvbs
D
Video input current
—
0.2
1
µAA
Video input impedance
500
—
—
K
Ω
A
Video S/N
Unweighted
Weighted
49
56
52
60
—
—
dB
dB
C
C
Differential Phase
+/-1
+/-5
deg
C
Differential Gain
1
5
%
C
Luma/Sync ratio
Input ratio 7.0:3.0
6.8/ 3.2
—
7.2/2.8
—
B
Video modulation depth
Video input level=1.0 Vcbvs
80
85
90
%
B
Peak White Clip
Video Modulation Depth for Video=1.4 Vcbvs
90.5
95
99.5
%
B
Parameter
Test Conditions
Min
Typ
Max
Unit Type
Picture to Sound ratio
PSS (Pin2) = HI
PSS (Pin2) =LO
14
12
16
14
18
16
dB
dB
B
Picture to Sound ratio
difference
between PSS = HI and PSS = LO
1.5
2.0
2.5
dB
B
Audio FM Modulation Depth
Using specific pre-emphasis circuit - Audio Input: 1Khz @ 205 mVrms
Fs = 4.5 MHz
(100% Modulation = +/- 25 kHz FM Deviation)
75
85
95
%
B
Fs = 5.5 MHz
(100% Modulation = +/- 50 kHz FM Deviation)
75
85
95
%
B
Audio input resistance
45
55
61
k
Ω
A
Audio Frequency response
0dB ref @1kHz
Measure from 50Hz to 15kHz
-2.5
-
+2
dB
C
AudioDistortionFM (THD
only)
At 1 kHz and 100% mod (+/- 50 kHz) - No Video
-
0.3
1
%
C
Audio S/N with Sync Buzz FM
50
53
-
dB
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com